Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 87 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 87 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 83Page - Microchip Technology LAN89730 Datasheet HTML 84Page - Microchip Technology LAN89730 Datasheet HTML 85Page - Microchip Technology LAN89730 Datasheet HTML 86Page - Microchip Technology LAN89730 Datasheet HTML 87Page - Microchip Technology LAN89730 Datasheet HTML 88Page - Microchip Technology LAN89730 Datasheet HTML 89Page - Microchip Technology LAN89730 Datasheet HTML 90Page - Microchip Technology LAN89730 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 87
LAN89730
Table 4-57 describes the configuration flags. The configuration flags override the affects of the RMT_WKP strap. If a
Configuration Descriptor exists in the EEPROM it will override both the configuration flags and associated straps.
16h
Hi-Speed Device Descriptor Length (bytes)
17h
Hi-Speed Device Descriptor Word Offset
18h
Hi-Speed Configuration and Interface Descriptor Length (bytes)
19h
Hi-Speed Configuration and Interface Descriptor Word Offset
1Ah
Full-Speed Device Descriptor Length (bytes)
1Bh
Full-Speed Device Descriptor Word Offset
1Ch
Full-Speed Configuration and Interface Descriptor Length (bytes)
1Dh
Full-Speed Configuration and Interface Descriptor Word Offset
1Eh
LSB of GPIO Wake 0-10 (GPIOWKn) field of General Purpose IO Wake Enable and
Polarity Register (GPIO_WAKE)
1Fh
MSB of GPIO Wake 0-10 (GPIOWKn) field of General Purpose IO Wake Enable and
Polarity Register (GPIO_WAKE)
20h
GPIO PME Flags
Note:
The descriptor type for the Device Descriptors specified in the EEPROM is a don't care and always over-
written by HW to 0x1.
The descriptor size for the Device Descriptors specified in the EEPROM is a don't care and always over-
written by HW to 0x12.
The descriptor type for the Configuration Descriptors specified in the EEPROM is a don't care and always
overwritten by HW to 0x2.
Note:
Descriptors specified in EEPROM having bcdUSB, bMaxPacketSize0, and bNumConfigurations fields
defined with values other than 0200h, 40h, and 1, respectively, will result in unwanted behavior and untow-
ard results.
Note:
EEPROM byte addresses past 20h can be used to store data for any purpose.
TABLE 4-57:
CONFIGURATION FLAGS
Bits
Description
7:4
RESERVED
3
RESERVED
2
Remote Wakeup Support
0 = The device does not support remote wakeup.
1 = The device supports remote wakeup.
1
LED Select
Refer to the LED Select (LED_SEL) bit of the LED General Purpose IO Configuration Register (LED_GPI-
O_CFG) for bit function definitions.
0
Power Method
0 = The device is bus powered.
1 = The device is self powered.
TABLE 4-56:
EEPROM FORMAT (CONTINUED)
EEPROM Address
EEPROM Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com