Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 40 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 40 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 36Page - Microchip Technology LAN89730 Datasheet HTML 37Page - Microchip Technology LAN89730 Datasheet HTML 38Page - Microchip Technology LAN89730 Datasheet HTML 39Page - Microchip Technology LAN89730 Datasheet HTML 40Page - Microchip Technology LAN89730 Datasheet HTML 41Page - Microchip Technology LAN89730 Datasheet HTML 42Page - Microchip Technology LAN89730 Datasheet HTML 43Page - Microchip Technology LAN89730 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 218 page
background image
LAN89730
DS60001348A-page 40
 2013-2015 Microchip Technology Inc.
Note 4-13
Value is loaded from EEPROM, but must be equal to the default value in order to comply with the USB
2.0 Specification and provide for normal device operation. Specification of any other value will result
in unwanted behavior and untoward operation.
4.3.1.6.9
String Descriptors
String Index = 0 (LANGID)
String Indices 1-5
Note:
EEPROM values are from the Device Descriptor (including any EEPROM override) at the opposite HS/FS
operating speed. I.e., if the current operating speed is HS, then Device Qualifier data is based on the FS
Device Descriptor, and vice-versa.
TABLE 4-12:
LANGID STRING DESCRIPTOR
Offset
Field
Size
(Bytes)
Default
Value
Loaded
from
EEPROM
Description
00h
bLength
1
04h
No
Size of LANGID Descriptor in bytes
(4 bytes)
01h
bDescriptorType
1
03h
No
String Descriptor (0x03)
02h
LANGID
2
None
Yes
Must be set to 0x0409 (US English).
Note:
If there is no valid/enabled EEPROM, or if all string lengths in the EEPROM are 0, then there are no strings,
so any host attempt to read the LANGID string will return stall in the Data Stage of the Control Transfer.
If there is a valid/enabled EEPROM, and if at least one of the string lengths in the EEPROM is not 0, then
the value contained at EEPROM addresses 0x0A-0x0B will be returned. These must be 0x0409 to allow
for proper device operation.
Note:
The device ignores the LANGID field in Control Read’s of Strings, and will not return the String (if it exists),
regardless of whether the requested LANGID is 0x0409 or not.
TABLE 4-13:
STRING DESCRIPTOR (INDICES 1-5)
Offset
Field
Size
(Bytes)
Default
Value
Loaded
from
EEPROM
Description
00h
bLength
1
none
Yes
Size of the String Descriptor in bytes
(4 bytes)
01h
bDescriptorType
1
none
Yes
String Descriptor (0x03)
02h
Unicode String
2*N
none
Yes
2 bytes per unicode character, no trail-
ing NULL.
Note:
If there is no valid/enabled EEPROM, or if the corresponding String Length and offset in the EEPROM for
a given string index are zero, then that string does not exist, so any host attempt to read that string will
return stall in the Data Stage of the Control Transfer.
Note:
The device returns whatever bytes are in the designated EEPROM area for each of these strings. It is the
responsibility of the EEPROM programmer to correctly set the bLength and bDescriptorType fields in the
descriptor consistent with the byte length specified in the corresponding EEPROM locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com