Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 107 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 107 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 103Page - Microchip Technology LAN89730 Datasheet HTML 104Page - Microchip Technology LAN89730 Datasheet HTML 105Page - Microchip Technology LAN89730 Datasheet HTML 106Page - Microchip Technology LAN89730 Datasheet HTML 107Page - Microchip Technology LAN89730 Datasheet HTML 108Page - Microchip Technology LAN89730 Datasheet HTML 109Page - Microchip Technology LAN89730 Datasheet HTML 110Page - Microchip Technology LAN89730 Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 107
LAN89730
4.12.1.2
Remote Wake Generation
4.12.1.2.1 Wake On LAN Event or Energy Detect
Control bits are implemented in the MAC’s Wakeup Control and Status Register (WUCSR) to control Global Unicast
Frame Wakeup, Magic Packet Wakeup, Wake Up Frame Detection Wakeup, Perfect DA Frame Wakeup, and Broadcast
Frame Wakeup: GUEN, MPEN, WUEN, PFDA_EN, and BCAST_EN, respectively. A composite signal, depending on
the state of these control bits and the associated event, is generated and propagated for further processing, as dis-
cussed in the following text.
Two control bits are implemented in the PMT_CTRL SCSR: Wake On LAN Enable (WOL_EN) and Energy Detect
Enable (ED_EN). Depending on the state of these control bits, the logic will generate an internal wake event interrupt
when the MAC detects a wakeup event (Global Unicast Frame, Wakeup Frame, Magic Packet, Perfect Destination
Address Frame, or Broadcast Frame - depending on the state of the aforementioned composite signal), or a PHY inter-
rupt is asserted (energy detect). Two Wakeup Status (WUPS) bits are implemented in the SCSR space. These bits are
set depending on the corresponding wake event. (See Section 6.3.8, "Power Management Control Register
(PMT_CTL)" for further information). If a Wake On LAN event is detected, then further resolution on the source of the
event can be obtained by examining the Remote Wakeup Frame Received (WUFR), Magic Packet Received (MPR),
Perfect DA Frame Received (PFDA_FR), and Broadcast Frame Received (BCAST_FR) status bits in the MAC’s
Wakeup Control and Status Register (WUCSR).
Note:
The IME bit is in the Hardware Configuration Register (HW_CFG). General Purpose IO Configuration Reg-
ister (GPIO_CFG) and General Purpose IO Wake Enable and Polarity Register (GPIO_WAKE) must be set
accordingly. PHY Link Up Enable (PHY_LINKUP_EN) bit of the General Purpose IO Wake Enable and
Polarity Register (GPIO_WAKE) must be set if PHY Link Up is used to cause a wake event. Diagram does
not represent actual hardware implementation.
FIGURE 4-33:
DETAILED GPIOS 8-10 WAKE DETECTION LOGIC
Note:
The IME bit is in the Hardware Configuration Register (HW_CFG). LED General Purpose IO Configuration
Register (LED_GPIO_CFG) and General Purpose IO Wake Enable and Polarity Register (GPIO_WAKE)
must be set accordingly. Diagram does not represent actual hardware implementation.
Note:
Wake On LAN events resulting in the generation of a remote-wake event may only occur when in SUS-
PEND0 state.
Note:
Energy Detect events resulting in the generation of a remote-wake event may only occur when in SUS-
PEND1 state.
GPIOn_INT clear
GPIOn
GPIOPOLn
Latch
GPDIRn
GPDn
GPCTLn[0]
GPIOWKn
GPIOn_DET
IME
GPCTLn[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com