Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 117 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 117 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 113Page - Microchip Technology LAN89730 Datasheet HTML 114Page - Microchip Technology LAN89730 Datasheet HTML 115Page - Microchip Technology LAN89730 Datasheet HTML 116Page - Microchip Technology LAN89730 Datasheet HTML 117Page - Microchip Technology LAN89730 Datasheet HTML 118Page - Microchip Technology LAN89730 Datasheet HTML 119Page - Microchip Technology LAN89730 Datasheet HTML 120Page - Microchip Technology LAN89730 Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 117
LAN89730
6.0
REGISTER DESCRIPTIONS
6.1
Register Nomenclature
Table 6-1 describes the register bit attributes used throughout this document.
6.2
Register Memory Map
TABLE 6-1:
REGISTER BIT TYPES
Register Bit Type Notation
Register Bit Description
R
Read:
A register or bit with this attribute can be read.
W
Write:
A register or bit with this attribute can be written.
RO
Read only:
Read only. Writes have no effect.
RS
Read to Set:
This bit is set on read.
WO
Write only:
If a register or bit is write-only, reads will return unspecified data.
WC
Write One to Clear:
Writing a one clears the value. Writing a zero has no effect.
WAC
Write Anything to Clear:
Writing anything clears the value.
RC
Read to Clear:
Contents is cleared after the read. Writes have no effect.
LL
Latch Low:
Clear on read of register.
LH
Latch High:
Clear on read of register.
SC
Self-Clearing:
Contents is self-cleared after the being set. Writes of zero have no
effect. Contents can be read.
RO/LH
Read Only, Latch High:
This mode is used by the Ethernet PHY registers. Bits with
this attribute will stay high until the bit is read. After a read, the bit will remain high, but
will change to low if the condition that caused the bit to go high is removed. If the bit has
not been read, the bit will remain high regardless of if its cause has been removed.
NASR
Not Affected by Software Reset.
The state of NASR bits does not change on asser-
tion of a software reset.
RESERVED
Reserved Field:
Reserved fields must be written with zeros, unless otherwise indi-
cated, to ensure future compatibility. The value of reserved bits is not guaranteed on a
read.
TABLE 6-2:
REGISTER MEMORY MAP
Address
Symbol
Register Name
000h - 0FFh
SCSR
System Control and Status Registers
100h - 1FCh
MCSR
MAC Control and Status Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com