Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 36 Page - Texas Instruments

Part # THS8083APZP
Description  TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 36 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 32Page - Texas Instruments THS8083APZP Datasheet HTML 33Page - Texas Instruments THS8083APZP Datasheet HTML 34Page - Texas Instruments THS8083APZP Datasheet HTML 35Page - Texas Instruments THS8083APZP Datasheet HTML 36Page - Texas Instruments THS8083APZP Datasheet HTML 37Page - Texas Instruments THS8083APZP Datasheet HTML 38Page - Texas Instruments THS8083APZP Datasheet HTML 39Page - Texas Instruments THS8083APZP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
3–12
CLP2_EN: Enables/disables clamping on channel 2
1: enable (default)
0: disable
CLP2_RG: Sets the clamp range for channel 2
1: middle range
0: bottom range (default)
CLP3_EN: Enables/disables clamping on channel 3
1: enable (default)
0: disable
CLP3_RG: Sets the clamp range for channel 3
1: middle range
0: bottom range (default)
3.2.28 Register Name: CLP_START_0
Subaddress: 21 (R/W)
MSB
LSB
CLP_START7
CLP_START6
CLP_START5
CLP_START4
CLP_START3
CLP_START2
CLP_START1
CLP_START0
CLP_START[7..0]:
CLP_START[11..0] sets the pixel count value that defines the start of the internal clamping pulse. If external
clamping is selected (via CLPSEL) this value has no meaning.
Default: 0x2
3.2.29 Register Name: CLP_START_1
Subaddress: 22 (R/W)
MSB
LSB
X
X
X
X
CLP_START10 CLP_START9
CLP_START8
CLP_START11
CLP_START[11..8]:
See register CLP_START_0
Default: 0x00
3.2.30 Register Name: CLP_STOP_0
Subaddress: 23 (R/W)
MSB
LSB
CLP_STOP7
CLP_STOP6
CLP_STOP5
CLP_STOP4
CLP_STOP3
CLP_STOP2
CLP_STOP1
CLP_STOP0
CLP_STOP[7..0]:
CLP_STOP[11..0] sets the pixel count value that defines the end of the internal clamping pulse. If external
clamping is selected (via CLPSEL) this value has no meaning.
Default: 0x40 = 64
3.2.31 Register Name: CLP_STOP_1
Subaddress: 24 (R/W)
MSB
LSB
X
X
X
X
CLP_STOP11
CLP_STOP10
CLP_STOP9
CLP_STOP8
CLP_STOP[11..8]:
See register CLP_STOP_0
Default: 0x00
NOTE: A setting of about 62 clamp clock cycles is sufficient to assure enough clamp timing (>500 ns) at worst case
(=highest clock frequency).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com