Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 44 Page - Texas Instruments

Part # THS8083APZP
Description  TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 44 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 40Page - Texas Instruments THS8083APZP Datasheet HTML 41Page - Texas Instruments THS8083APZP Datasheet HTML 42Page - Texas Instruments THS8083APZP Datasheet HTML 43Page - Texas Instruments THS8083APZP Datasheet HTML 44Page - Texas Instruments THS8083APZP Datasheet HTML 45Page - Texas Instruments THS8083APZP Datasheet HTML 46Page - Texas Instruments THS8083APZP Datasheet HTML 47Page - Texas Instruments THS8083APZP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
4–4
4.4
Timing Diagram—48-Bit Parallel Mode
This mode allows a double-pixel width output interface with no time offset between buses A and B. The DATACLK1
output is at half of the sampling clock frequency. Data on output bus A precedes data on output bus B.
Last Samples From Previous Line
DATACLK
CH1_OUTA[7..0]
CH2_OUTA[7..0]
CH2_OUTB[7..0]
CH1_OUTB[7..0]
CH3_OUTA[7..0]
CH3_OUTB[7..0]
HS
01
05
DHS
tdlh(OE)
tdhl(OE)
tsu(DHS)
th(DHS)
tsu(OUT)
(DHS_POL = 0
Assumed-Inverted
Polarity Otherwise)
OE
<DHS_MODE> = 1 –> Width
Equal to Width of HS Input
<DHS_MODE> = 0 –> DHS
Width is 1 ADCCLK2 Period
7 ADCCLK2
Cycles Latency
pix 01
pix 02
ADCCLK1
Last Samples From Previous Line
03
th(OUT)
04
02
01
05
Last Samples From Previous Line
03
Last Samples From Previous Line
04
02
01
05
Last Samples From Previous Line
03
Last Samples From Previous Line
04
02
7 ADCCLK2 Cycles Latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com