Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 50 Page - Texas Instruments

Part # THS8083APZP
Description  TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 50 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 46Page - Texas Instruments THS8083APZP Datasheet HTML 47Page - Texas Instruments THS8083APZP Datasheet HTML 48Page - Texas Instruments THS8083APZP Datasheet HTML 49Page - Texas Instruments THS8083APZP Datasheet HTML 50Page - Texas Instruments THS8083APZP Datasheet HTML 51Page - Texas Instruments THS8083APZP Datasheet HTML 52Page - Texas Instruments THS8083APZP Datasheet HTML 53Page - Texas Instruments THS8083APZP Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
5–6
5.4.8
Output Formatter/Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fclk
Maximum conversion rate
THS8083A
80
MHz
fclk
Minimum conversion rate
13
MHz
tsu(OUT)
Setup time
2
ns
th(OUT),
th(DHS)
Hold time
With respect to 50% level of rising
edge on DATACLK
1
ns
tsu(DHS)
Setup time
edge on DATACLK
2
ns
tPLH(OE)
Propagation (delay) time, low-to-high
See Note 13
9.5
ns
tPHL(OE)
Propagation (delay) time, high-to-low-level output
See Note 13
8.5
ns
DATACLK1 output duty cycle
40%
60%
HS and data pipeline delay
See Note 14
See timing diagrams
NOTES: 13. Output timing—OE timing tPLH(OE) is measured from the VIH(MIN) level of OE to the high-impedance state of the output data. The
digital output load is not higher than 10 pF.
OEtimingtPHL(OE)ismeasuredfromtheVIL(MAX)levelofOEtotheinstantwhentheoutputdatareachesVOH(min)orVOL(max)output
levels. The digital output load is not higher than 10 pF.
14. Pipeline delay (latency)—The number of clock cycles between conversion initiation on an input sample and the corresponding output
data being made available. Once the data pipeline is full, new valid output data are provided every clock cycle.
5.4.9
PLL
5.4.9.1 Open Loop
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DTO frequency range, f(DTO)
THS8083A
See Note 15
13
80
MHz
Instantaneous jitter, t(INS)
260
ps
Short-term jitter, t(JOS)
See Note 15
800 (p–p)
240 (rms)
1250 (p–p)
485 (rms)
ps
Phase Increment
11.25
Monotonic
deg
NOTE 15: PLL characterization:
•
Instantaneous jitter is the pk-pk position variation of the clock rising edge between succeeding periods.
•
Short term jitter in open loop or closed loop is defined as the variation of the clock rising edge within one PLL update period (within
the same video line). This can be visually measured by capturing the clock and displaying it on a digital scope with a persistency of
one video line. Numerically, the time instants of the rising edges, at a defined voltage level, of a number N of clock cycles (N = 800)
are captured at a high sampling rate. The average clock time period is calculated from these time instants. The deviation between
each actual time instant and the ideal, based on the average clock time period, is defined as a statistically distributed jitter value
along one line. This jitter is measured on both DATACLK1 and DTOCLK3 outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com