Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 38 Page - Texas Instruments

Part # THS8083APZP
Description  TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 38 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 34Page - Texas Instruments THS8083APZP Datasheet HTML 35Page - Texas Instruments THS8083APZP Datasheet HTML 36Page - Texas Instruments THS8083APZP Datasheet HTML 37Page - Texas Instruments THS8083APZP Datasheet HTML 38Page - Texas Instruments THS8083APZP Datasheet HTML 39Page - Texas Instruments THS8083APZP Datasheet HTML 40Page - Texas Instruments THS8083APZP Datasheet HTML 41Page - Texas Instruments THS8083APZP Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
3–14
3.2.38 Register Name: CH3_CLP
Subaddress: 2B (R/W)
CH3_CLP7
MSB
LSB
CH3_CLP6
CH3_CLP5
CH3_CLP4
CH3_CLP3
CH3_CLP2
CH3_CLP1
CH3_CLP0
CH3_CLP[7..0]
Programmable clamp value for channel 3
Default: 0x80 = 128 (mid-range)
3.2.39 Register Name: CH3_COARSE
Subaddress: 2C (R/W)
X
MSB
LSB
X
CH3_COARSE5 CH3_COARSE4 CH3_COARSE3 CH3_COARSE2 CH3_COARSE1 CH3_COARSE0
CH3_COARSE[5..0]
Coarse PGA value for channel 3
Default: 0x20 = 32 (mid-range)
3.2.40 Register Name: CH3_FINE
Subaddress: 2D (R/W)
X
MSB
LSB
X
X
CH3_FINE4
CH3_FINE3
CH3_FINE2
CH3_FINE1
CH3_FINE0
CH3_FINE[4..0]
Fine PGA value for channel 3
Default: 0x10 = 16 (mid-range)
3.2.41 Register Name: PIX_TRAP_0
Subaddress: 2E (R/W)
PIX_TRAP7
MSB
LSB
PIX_TRAP6
PIX_TRAP5
PIX_TRAP4
PIX_TRAP3
PIX_TRAP2
PIX_TRAP1
PIX_TRAP0
PIX_TRAP[7..0]
PIX_TRAP[10..0] sets the pixel count value in a line to be sampled. Each <PIX_TRAP>th value on each line
is stored in the CH<n>_RDBK registers
Default: 0x04
3.2.42 Register Name: PIX_TRAP_1
Subaddress: 2F (R/W)
X
MSB
LSB
X
X
X
PIX_TRAP10
PIX_TRAP9
PIX_TRAP8
PIX_TRAP11
PIX_TRAP[11..8]:
See register PIX_TRAP_0
Default: 0x00
3.2.43 Register Name: PWDN_CTRL
Subaddress: 30 (R/W)
X
MSB
LSB
X
X
PWDN_ALL
X
PWDN_REF
PWDN_BGAP
DTO_DIS
PWDN_ALL
Powers down complete chip excluding I2C, clamping, and composite sync slicer. Enables green mode for
monitor standby.
0 = active (default)
1 = powered down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com