Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 32 Page - Texas Instruments

Part # THS8083APZP
Description  TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 28Page - Texas Instruments THS8083APZP Datasheet HTML 29Page - Texas Instruments THS8083APZP Datasheet HTML 30Page - Texas Instruments THS8083APZP Datasheet HTML 31Page - Texas Instruments THS8083APZP Datasheet HTML 32Page - Texas Instruments THS8083APZP Datasheet HTML 33Page - Texas Instruments THS8083APZP Datasheet HTML 34Page - Texas Instruments THS8083APZP Datasheet HTML 35Page - Texas Instruments THS8083APZP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
3–8
3.2.13 Register Name: VS_WIDTH
Subaddress: 0C (R/W)
VS_WIDTH7
MSB
LSB
VS_WIDTH6
VS_WIDTH5
VS_WIDTH4
VS_WIDTH3
VS_WIDTH2
VS_WIDTH1
VS_WIDTH0
VS_WIDTH[7..0]:
Sets the width in lines for VS detection. If the width of the incoming VS is less than this number, it is ignored.
The width in lines of an incoming VS is incremented each time a valid HS is detected during a VS active.
Therefore, the programmed width is the minimum number of horizontal syncs spanned by the active
duration of VS.
Default: 0x00
3.2.14 Register Name: SYNC_CTRL
Subaddress: 0D (R/W)
X
X
X
X
HS_POL
MSB
LSB
HS_MS
VS_POL
VS_MS
HS_POL:
Controls the polarity of the incoming HS
0 = positive polarity (default)
1 = negative polarity
HS_MS:
Controls the mux selection for activating the noise filter on incoming HS
0 = noise filter disabled (default)
1 = noise filter enabled
VS_POL:
Controls the polarity of the incoming VS
0 = positive polarity (default)
1 = negative polarity
VS_MS:
Controls the mux selection for activating the noise filter on incoming VS
0 = noise filter disabled (default)
1 = noise filter enabled
3.2.15 Register Name: LD_THRES
Subaddress: 0E (R/W)
LD_THRES7
MSB
LSB
LD_THRES6
LD_THRES5
LD_THRES4
LD_THRES3
LD_THRES2
LD_THRES1
LD_THRES0
LD_THRES[7..0]:
Sets hysteresis for PLL lock-detection output.
An internal counter counts the number of subsequent lines onto which lock is found, as follows: for each line
(HS) on which the PFD finds that the PLL is locked, the counter is incremented by 1. The counter clips at 255
maximum. For each line (HS) that the PLL is not locked to, the counter is decremented by 8. This counter
starts from 0.
Lock is signaled externally (via the LOCK_DETECT output) when this internal counter holds a value higher
than <LD_THRESHOLD>. Unlock is signaled externally when this internal counter holds a value less than
or equal to <LD_THRESHOLD>. So, a value of 255 will never assert the lock signal, although the PLL might
be locked internally.
NOTE: the higher this value is set, the more critical the PFD will be to signal lock. Therefore, this value must
be lower for high jitter HS inputs than for high quality sources.
Default: 0x10 = 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com