Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 37 Page - Texas Instruments

Part # THS8083APZP
Description  TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 37 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 33Page - Texas Instruments THS8083APZP Datasheet HTML 34Page - Texas Instruments THS8083APZP Datasheet HTML 35Page - Texas Instruments THS8083APZP Datasheet HTML 36Page - Texas Instruments THS8083APZP Datasheet HTML 37Page - Texas Instruments THS8083APZP Datasheet HTML 38Page - Texas Instruments THS8083APZP Datasheet HTML 39Page - Texas Instruments THS8083APZP Datasheet HTML 40Page - Texas Instruments THS8083APZP Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
3–13
3.2.32 Register Name: CH1_CLP
Subaddress: 25 (R/W)
CH1_CLP7
MSB
LSB
CH1_CLP6
CH1_CLP5
CH1_CLP4
CH1_CLP3
CH1_CLP2
CH1_CLP1
CH1_CLP0
CH1_CLP[7..0]
Programmable clamp value for channel 1
Default: 0x80 = 128 (mid-range)
3.2.33 Register Name: CH1_COARSE
Subaddress: 26 (R/W)
X
MSB
LSB
X
CH1_COARSE5 CH1_COARSE4 CH1_COARSE3 CH1_COARSE2 CH1_COARSE1 CH1_COARSE0
CH1_COARSE[5..0]
Coarse PGA value for channel 1
Default: 0x20 = 32 (mid-range)
3.2.34 Register Name: CH1_FINE
Subaddress: 27 (R/W)
X
MSB
LSB
X
X
CH1_FINE4
CH1_FINE3
CH1_FINE2
CH1_FINE1
CH1_FINE0
CH1_FINE[4..0]
Fine PGA value for channel 1
Default: 0x10 = 16 (mid-range)
3.2.35 Register Name: CH2_CLP
Subaddress: 28 (R/W)
CH2_CLP7
MSB
LSB
CH2_CLP6
CH2_CLP5
CH2_CLP4
CH2_CLP3
CH2_CLP2
CH2_CLP1
CH2_CLP0
CH2_CLP[7..0]
Programmable clamp value for channel 2
Default: 0x80 = 128 (mid-range)
3.2.36 Register Name: CH2_COARSE
Subaddress: 29 (R/W)
X
MSB
LSB
X
CH2_COARSE5 CH2_COARSE4 CH2_COARSE3 CH2_COARSE2 CH2_COARSE1 CH2_COARSE0
CH2_COARSE[5..0]
Coarse PGA value for channel 2
Default: 0x20 = 32 (mid-range)
3.2.37 Register Name: CH2_FINE
Subaddress: 2A (R/W)
X
MSB
LSB
X
X
CH2_FINE4
CH2_FINE3
CH2_FINE2
CH2_FINE1
CH2_FINE0
CH2_FINE[4..0]
Fine PGA value for channel 2
Default: 0x10 = 16 (mid-range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com