Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 51 Page - Texas Instruments

Part # THS8083APZP
Description  TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 51 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 47Page - Texas Instruments THS8083APZP Datasheet HTML 48Page - Texas Instruments THS8083APZP Datasheet HTML 49Page - Texas Instruments THS8083APZP Datasheet HTML 50Page - Texas Instruments THS8083APZP Datasheet HTML 51Page - Texas Instruments THS8083APZP Datasheet HTML 52Page - Texas Instruments THS8083APZP Datasheet HTML 53Page - Texas Instruments THS8083APZP Datasheet HTML 54Page - Texas Instruments THS8083APZP Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
5–7
5.4.9.2 Closed Loop
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(HS)
HS locking range
15
100
kHz
t(acq)
Lock-in time
See Note 16
5
ms
t(JCS)
Short-term jitter
See Note 16
925 (p–p)
245 (rms)
1400 (p–p)
450 (rms)
ps
t(JCL)
Long-term jitter
See Note 16
1000 (p–p)
250 (rms)
1500 (p–p)
485 (rms)
ps
NOTE 16: PLL characterization:
•
Short term jitter in open loop or closed loop is defined as the variation within one PLL update period (within the same video line) of
the clock rising edge. This is measured visually by capturing the clock and displaying it on a digital scope with a persistency of one
video line. Numerically, the time instants of the rising edges, at a defined voltage level, of a number of clock cycles (N = 800) are
captured at a high sampling rate. The average clock time period is calculated from these time instants. The deviation between
each actual time instant and the ideal, based on the average clock time period, is defined as a statistically distributed jitter value
along one line. This jitter is measured on both DATACLK1 and DTOCLK3 outputs.
•
Long term jitter in closed loop is defined as the variation over one video frame of the Nth clock rising edge on each line. This is
measured by capturing the time instant at a defined level on the rising edge of the Nth clock after HS is reached on each line. The
calculation uses the same principle used with short term jitter, but now takes one sample on every line and N = 800 lines.
5.4.10 Typical Plots (25
°C and Measured for Standard VESA Graphics Formats)
NOTE: The THS8083 is configured for each video mode with I2C register settings as specified
in application note Using THS8083 for PC Graphics and Component Video Digitizing.
Figure 5–2. Power Consumption
f – Frequency – MHz
1000
1100
1200
1300
1400
1500
1600
0
102030405060708090
100
VCC = 3.3 V
POWER
vs
FREQUENCY
f – Frequency – MHz
0
50
100
150
200
250
300
350
0
102030405060708090
100
Total Analog
CURRENT
vs
FREQUENCY
DVDD
Total Digital
AVDD_REF
AVDD_PLL
AVDD_CH1+AVDD_CH2_3
DVDD_PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com