Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 39 Page - Texas Instruments

Part # THS8083APZP
Description  TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 39 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 35Page - Texas Instruments THS8083APZP Datasheet HTML 36Page - Texas Instruments THS8083APZP Datasheet HTML 37Page - Texas Instruments THS8083APZP Datasheet HTML 38Page - Texas Instruments THS8083APZP Datasheet HTML 39Page - Texas Instruments THS8083APZP Datasheet HTML 40Page - Texas Instruments THS8083APZP Datasheet HTML 41Page - Texas Instruments THS8083APZP Datasheet HTML 42Page - Texas Instruments THS8083APZP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
3–15
PWDN_REF
Powers down internal top and bottom references for all channels (VREFT / VREFB). If powered down,
enables user to supply external VREFT / VREFB references on corresponding pins.
0 = active (default)
1 = powered down
PWDN_BGAP
Powers down bandgap reference. If powered down, enables user to supply external VMID (input common
mode voltage) on corresponding pin.
0 = active (default)
1 = powered down
DTO_DIS
Disables the DTO. Can be disabled when an external clock (EXT_ADCCLK) is used and the user does not
intend to use the PLL output on DTOCLK3. When the PLL is active, it can be used as the clock source for the
ADC channels or the ADC’s can still run from EXT_ADCCLK depending on the SEL_ADCCLK register
setting. Note that when the DTO is enabled and the device is configured to use an external clock, the DTO
clock is still available on the DTOCLK3 pin so it can be used as a general-purpose clock synthesizer for other
parts in the system, possibly the display clock if this is different from the input pixel clock.
Since the DTO is also used for internal clock generation, power should always be supplied to the PLL supply
pins, even when the ADC sampling clock is fed from EXT_ADCCLK and DTO_DIS is active.
0 = active (default)
1 = powered down
3.2.44 Register Name: AUX_CTRL
Subaddress: 31 (R/W)
X
MSB
LSB
X
CS_SEL
CS_DIS
TEST2
TEST1
TEST0
TACT
CS_SEL
Composite sync select. Selects the source of the composite sync for slicing.
0 = from Ch1 input
1 = from CS_IN input
CS_DIS
Enables/disables the composite sync output on terminal CS/TEST1. The state of the CS output is also
dependent on the clamp range (see Composite Sync Slicer section).
0 = enabled (default)
1 = disabled
TEST[2..0]
TACT
Used for TI factory testing only; should not be changed from its all-0 default value.
3.2.45 Register Name: CH1_RDBK
Subaddress: 32 (R)
CH1_RDBK7
MSB
LSB
CH1_RDBK6
CH1_RDBK5
CH1_RDBK4
CH1_RDBK3
CH1_RDBK2
CH1_RDBK1
CH1_RDBK0
CH1_RDBK[7..0]:
Readback register of ADC channel 1
Default: (changed during operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com