Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 10 Page - Texas Instruments

Part # THS8083APZP
Description  TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 6Page - Texas Instruments THS8083APZP Datasheet HTML 7Page - Texas Instruments THS8083APZP Datasheet HTML 8Page - Texas Instruments THS8083APZP Datasheet HTML 9Page - Texas Instruments THS8083APZP Datasheet HTML 10Page - Texas Instruments THS8083APZP Datasheet HTML 11Page - Texas Instruments THS8083APZP Datasheet HTML 12Page - Texas Instruments THS8083APZP Datasheet HTML 13Page - Texas Instruments THS8083APZP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
1–4
1.3
Terminal Assignments
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
AVDD_REF
AVSS_REF
VMID
OE
CH2B7
DVSS
EXT_ADCCLK
DHS
DATACLK1
ADCCLK2
DTOCLK3
VSS
HS
SCL
SDA
I2CA
CH3B0
CH3B1
CH3B2
CH3B3
DVDD
DVSS
XTL1_MCLK
DVSS_PLL
DVDD_PLL
AVSS_PLL
AVDD_PLL
TQFP PowerPAD
 PACKAGE
(TOP VIEW)
VS
CH1B7
DVDD
CH3B4
CH3B5
CH3B6
CH3B7
CH2B0
CH2B1
CH2B2
CH2B3
XTL2
VCM
CH1B6
CH1B5
CH1B4
CH1B3
CH1B2
CH1B1
CH1B0
CH2B6
CH2B5
CH2B4
1.4
Ordering Information
T
PACKAGED DEVICES
TA
TQFP–100
Maximum clock frequency
80 MSPS
0
°C to 70°C
THS8083APZP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com