Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 41 Page - Texas Instruments

Part # THS8083APZP
Description  TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 41 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 37Page - Texas Instruments THS8083APZP Datasheet HTML 38Page - Texas Instruments THS8083APZP Datasheet HTML 39Page - Texas Instruments THS8083APZP Datasheet HTML 40Page - Texas Instruments THS8083APZP Datasheet HTML 41Page - Texas Instruments THS8083APZP Datasheet HTML 42Page - Texas Instruments THS8083APZP Datasheet HTML 43Page - Texas Instruments THS8083APZP Datasheet HTML 44Page - Texas Instruments THS8083APZP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
4–1
4 Parameter Measurement Information
All timing diagrams are shown for operation with internal PLL clock at phase 0, and ADCCLK2 non-inverted and
non-divided-by-2.
4.1
Timing Diagram—24-Bit Parallel Mode
This mode outputs data on the three channels simultaneously in single-pixel mode. DATACLK1 is at the sampling
clock frequency; output bus B remains high-impedance.
DATACLK
CH1_OUTA[7..0]
CH2_OUTA[7..0]
CH2_OUTB[7..0]
CH1_OUTB[7..0]
CH3_OUTA[7..0]
CH3_OUTB[7..0]
HS
01
02
pix 01
pix 02
ADCCLK2
DHS
tPLH(OE)
tPHL(OE)
tsu(OUT)
th(OUT)
tsu(DHS)
th(DHS)
01
02
01
02
7 ADCCLK2 Cycles Latency
Last Samples From Previous Line
Last Samples From Previous Line
Last Samples From Previous Line
7 ADCCLK2
Cycles Latency
<DHS_MODE> = 1 –> Width
Equal to Width of HS Input
<DHS_MODE> = 0 –> DHS
Width is 1 ADCCLK2 Period
(DHS_POL = 0
Assumed-Inverted
Polarity Otherwise)
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com