Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 57 Page - Texas Instruments

Part # THS8083APZP
Description  TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 57 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 53Page - Texas Instruments THS8083APZP Datasheet HTML 54Page - Texas Instruments THS8083APZP Datasheet HTML 55Page - Texas Instruments THS8083APZP Datasheet HTML 56Page - Texas Instruments THS8083APZP Datasheet HTML 57Page - Texas Instruments THS8083APZP Datasheet HTML 58Page - Texas Instruments THS8083APZP Datasheet HTML 59Page - Texas Instruments THS8083APZP Datasheet HTML 60Page - Texas Instruments THS8083APZP Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
A–1
Appendix A
PLL Formulas and Register Settings
If:
F(XTL) = frequency of external crystal or master clock connected to XTL1 input of THS8083A
F(VCO) = frequency of THS8083A–internal VCO
F(DTO) = frequency of THS8083A–internal DTO
F(DTOCLK) = frequency of externally available DTO clock output
F(HS) = frequency of HS input
CLKDIV = clock output divider setting
VCODIV = feedback divider in THS8083A–internal analog PLL loop
TERMCNT = feedback divider in THS8083A–internal digital PLL loop
DTO_INC = DTO increment (when NOM_INC is programmed, DTO_INC is initialized to NOM_INC)
Then:
F(VCO) = F(XTL) x VCODIV
F(DTO) = 32 x F(VCO) / DTO_INC
F(DTOCLK) = F(DTO) / CLKDIV
And, if PLL is locked:
F(DTOCLK) = TERMCNT * F(HS)
Summarizing:
DTO_INC = [32xF(XTL)xVCODIV] / [F(DTOCLK)xCLKDIV]
The formats of DTO_INC and NOM_INC:
Both are 33-bit values consisting of a 6-bit integer and a 27-bit fractional part. So, in hexadecimal notation,
the value is between 00.0000000hex and 3F.7FFFFFFhex. The decimal value of the increment is: <integer
part>.<fractional part interpreted as integer value>x2^(–27). This means, to arrive at the decimal value of
the increment:
1.
Interpret the 6 MSBs as an integer value
2.
Interpret the 27 LSBs expressed as a decimal integer value and multiply this by 2^(–27) to arrive at a
fractional value
3.
Add 1 and 2.
Additional restrictions:
– NOM_INC should be within the range [16,32].
– CLKDIV should be chosen for different output clock frequency ranges as shown in register map
description for SEL_CLK.
Examples:
1.
For generating the XGA@75Hz pixel clock of 78.75 MHz, with F(XTL) = 14.381818 MHz and
VCODIV=8:
NOM_INC = [32x14.31818x8]/[78.75x2] = 23.272724...
Since 23d = 17h and INT(0.272724
… x 2^27) = 36604438d = 22E8A16 hex, this can be written as
0x17.22E8A16 or as a contiguous 33 bit number: 010111010001011101000101000010110 = 0BA2E8A16
hex, i.e., the default setting for NOM_INC (see register map).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com