Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083APZP Datasheet(PDF) 58 Page - Texas Instruments

Part # THS8083APZP
Description  TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP Datasheet(HTML) 58 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 54Page - Texas Instruments THS8083APZP Datasheet HTML 55Page - Texas Instruments THS8083APZP Datasheet HTML 56Page - Texas Instruments THS8083APZP Datasheet HTML 57Page - Texas Instruments THS8083APZP Datasheet HTML 58Page - Texas Instruments THS8083APZP Datasheet HTML 59Page - Texas Instruments THS8083APZP Datasheet HTML 60Page - Texas Instruments THS8083APZP Datasheet HTML 61Page - Texas Instruments THS8083APZP Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
A–2
To achieve lock with an incoming HS, TERMCNT is programmed with 1312 (i.e., the total number of pixels
per line in this mode).
Below are the settings for popular video and graphics modes.
VESA MODES
Mode #1: 640x350 at 85 Hz
→ fpix = 31.5 MHz, N = 832
REGISTER NAME
VALUE
(DEC)
VALUE
(HEX)
REGISTER VALUE
(HEX)
TERM_CNT_0
832
340
40
TERM_CNT_1
832
340
03
NOM_INC_0
9c
NOM_INC_1
2c
NOM_INC_2
29.090905
1d.0ba2c9c
ba
NOM_INC_3
29.090905
1d.0ba2c9c
e8
NOM_INC_4
0
VCO_DIV
8
8
3
SEL_CLK
4
4
2
Mode #2: 640x400 at 85 Hz
→ fpix = 31.5 MHz, N = 832 (same settings as 640x350 at 85 Hz)
Mode #3: 720x400 at 85 Hz
→ fpix = 35.5 MHz, N = 936
REGISTER NAME
VALUE
(DEC)
VALUE
(HEX)
REGISTER VALUE
(HEX)
TERM_CNT_0
936
3a8
a8
TERM_CNT_1
936
3a8
03
NOM_INC_0
fa
NOM_INC_1
23
NOM_INC_2
25.813057
19.68123fa
81
NOM_INC_3
25.813057
19.68123fa
ce
NOM_INC_4
0
VCO_DIV
8
8
03
SEL_CLK
4
4
02
Mode #4: 640x480 at 59.94 Hz
→ fpix = 25.175 MHz, N = 800
REGISTER NAME
VALUE
(DEC)
VALUE
(HEX)
REGISTER VALUE
(HEX)
TERM_CNT_0
800
320
20
TERM_CNT_1
800
320
03
NOM_INC_0
20
NOM_INC_1
56
NOM_INC_2
18.1998713
12.1995620
99
NOM_INC_3
18.1998713
12.1995620
91
NOM_INC_4
0
VCO_DIV
8
8
03
SEL_CLK
8
8
03
Mode #5: 640x480 at 72 Hz
→ fpix = 31.5 MHz, N = 832 (same settings as 640x350 @ 85 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com