Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2443ACPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP2443ACPZN-R7
Description  Process control and industrial automation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2443ACPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP2443ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
ADP2443
Rev. 0 | Page 5 of 24
Parameters
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
EN
EN Rising Threshold
1.16
1.2
1.24
V
EN Input Hysteresis
100
mV
EN Current
EN voltage < 1.1 V, sink current
0.13
µA
EN voltage > 1.2 V, source current
4
µA
THERMAL SHUTDOWN
Threshold
150
°C
Hysteresis
25
°C
1
Pin to pin measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com