Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2443ACPZN-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP2443ACPZN-R7
Description  Process control and industrial automation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2443ACPZN-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP2443ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Data Sheet
ADP2443
Rev. 0 | Page 19 of 24
DESIGN EXAMPLE
GND
PGND
COMP
SS
VREG
RT/SYNC
PGOOD
RAMP
EN
PVIN
ADP2443
FB
SW
BST
CCP
3.3pF
RC
20kΩ
RT
280kΩ
RRAMP
1.5MΩ
RBOT
3kΩ
1%
RTOP
22kΩ
1%
COUT
47µF
16V
CIN
10µF
50V
VOUT = 5V
VIN = 24V
L
6.8µH
CBST
0.1µF
CVREG
1µF
CC
2.7nF
CSS
22nF
Figure 39. Schematic for Design Example
This section describes the procedures for selecting the external
components based on the example specifications that are listed
in Table 7. See Figure 39 for the schematic of this design example.
Table 7. Step-Down DC-to-DC Regulator Requirements
Parameter
Symbol
Specification
Input Voltage
VIN
VIN = 24.0 V ± 10%
Output Voltage
VOUT
VOUT = 5 V
Output Current
IOUT
IOUT = 3 A
Output Voltage Ripple
∆VOUT_RIPPLE
∆VOUT_RIPPLE = 50 mV
Load Transient
ILOAD
±5%, 0.5 A to 2.5 A, 2 A/μs
Switching Frequency
fSW
fSW = 600 kHz
OUTPUT VOLTAGE SETTING
Choose a 22 kΩ resistor as the top feedback resistor (RTOP),
and calculate the bottom feedback resistor (RBOT) by using the
following equation:
6
.
0
6
.
0
OUT
TOP
BOT
V
R
R
To set the output voltage to 5 V, the resistors values are as
follows: RTOP = 22 kΩ and RBOT = 3 kΩ.
FREQUENCY SETTING
To set the switching frequency to 600 kHz, connect a 280 kΩ
resistor from the RT/SYNC pin to GND.
INDUCTOR SELECTION
The peak-to-peak inductor ripple current, ΔIL, is set to 30% of
the maximum output current. Use the following equation to
estimate the inductor value:
SW
L
OUT
IN
f
I
D
V
V
L
)
(
where:
VIN = 24 V.
VOUT = 5 V.
D = 0.208.
ΔIL = 0.9 A.
fSW = 600 kHz.
This calculation results in L = 7.33 μH. Choose the standard
inductor value of 6.8 μH.
The peak-to-peak inductor ripple current can be calculated by
using the following equation:
SW
OUT
IN
L
f
L
D
V
V
I
)
(
This calculation results in ΔIL = 0.97 A.
Use the following equation to calculate the peak inductor current:
2
L
OUT
PEAK
I
I
I
This calculation results in IPEAK = 3.49 A.
Use the following equation to calculate the rms current flowing
through the inductor:
12
2
2
L
OUT
RMS
I
I
I
This calculation results in IRMS = 3.013 A.
Based on the calculated current value, select an inductor with
a minimum rms current rating of 3.013 A and a minimum
saturation current rating of 3.49 A.
However, to protect the inductor from reaching its saturation
point under the current-limit condition, the inductor must be
rated for at least a 5.1 A saturation current for reliable operation.
Based on the requirements described previously, select a 6.8 μH
inductor, such as the FDVE1040-6R8M from Toko, which has
a 20.2 mΩ DCR and an 7.1 A saturation current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com