Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2443ACPZN-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP2443ACPZN-R7
Description  Process control and industrial automation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2443ACPZN-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP2443ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ADP2443
Data Sheet
Rev. 0 | Page 20 of 24
OUTPUT CAPACITOR SELECTION
The output capacitor is required to meet both the output voltage
ripple and load transient response requirements.
To meet the output voltage ripple requirement, use the following
equation to calculate the ESR and capacitance value of the output
capacitor:
RIPPLE
OUT
SW
L
RIPPLE
OUT
V
f
I
C
_
_
8
∆
×
×
∆
=
L
RIPPLE
OUT
ESR
I
V
R
∆
∆
=
_
This calculation results in COUT_RIPPLE = 4.04 μF, and RESR = 51.5 mΩ.
To meet the ±5% overshoot and undershoot transient
requirements, use the following equations to calculate the
capacitance:
2
2
_
2
_
)
(
OUT
OV
OUT
OUT
STEP
OV
OV
OUT
V
V
V
L
I
K
C
−
∆
+
×
∆
×
=
where:
KOV = KUV = 2 are the coefficients for estimation purposes.
∆ISTEP = 2 A is the load transient step.
∆VOUT_OV = 5% VOUT is the overshoot voltage.
UV
OUT
OUT
IN
STEP
UV
UV
OUT
V
V
V
L
I
K
C
_
2
_
)
(
2
∆
×
−
×
×
∆
×
=
where ∆VOUT_UV = 5% VOUT is the undershoot voltage.
This calculation results in COUT_OV = 21.2 μF, and COUT_UV = 5.7 μF.
According to the calculation, the output capacitance must be
greater than 21.2 μF, and the ESR of the output capacitor must be
smaller than 51.5 mΩ. It is recommended that one 47 μF/X5R/16 V
ceramic capacitor be used, such as the GRM32ER61C476KE15K
from Murata, with an ESR of 2 mΩ.
SLOPE COMPENSATION SETTING
The ramp resistor, RRAMP, determines the slope compensation.
Use the following equation to calculate the RRAMP value:
MΩ
74
.
1
9
.
3
10
μH
8
.
6
9
.
3
10
12
12
=
×
=
×
= L
RRAMP
Choose a standard component value, as follows: RRAMP = 1.5 MΩ.
COMPENSATION COMPONENTS
For better load transient and stability performance, set the cross
frequency, fC, to fSW/10. In this case, fSW is running at 600 kHz;
therefore, the fC is set to 60 kHz.
The 47 µF ceramic output capacitor has a derated value of 32 µF.
kΩ
.5
19
A/V
10
µs
515
V
0.6
kHz
60
µF
32
V
5
π
2
=
×
×
×
×
×
×
=
C
R
pF
2739
kΩ
19.5
µF
32
Ω
0.002
Ω
1.667
=
×
+
=
C
C
pF
3
.
3
kΩ
19.5
µF
32
Ω
0.002
=
×
=
CP
C
Choose standard components, as follows: RC = 20 kΩ,
CC = 2700 pF, and CCP = 3.3 pF.
Figure 40 shows the Bode plot at a 3 A load current. The cross
frequency is 59 kHz, and the phase margin is 66°.
60
–60
–24
12
48
–36
0
36
–48
–12
24
180
–180
–72
36
144
–108
0
108
–144
–36
72
1k
10k
100k
1M
FREQUENCY (Hz)
PHASE
MAGNITUDE
Figure 40. Bode Plot at 3 A
SOFT START TIME PROGRAM
The soft start feature allows the output voltage to ramp up in a
controlled manner, eliminating output voltage overshoot during
soft start and limiting the inrush current. Set the soft start time
to 4 ms.
nF
7
.
2
2
V
0.6
µA
4
3.
ms
4
V
0.6
_
=
×
=
×
=
SS
EXT
SS
SS
I
t
C
Choose a standard component value, as follows: CSS = 22 nF.
INPUT CAPACITOR SELECTION
A minimum 10 μF ceramic capacitor must be placed near the
PVIN pin. In this application, it is recommended that one 10 μF,
X5R, 50 V ceramic capacitor be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com