Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2443ACPZN-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP2443ACPZN-R7
Description  Process control and industrial automation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2443ACPZN-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP2443ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Data Sheet
ADP2443
Rev. 0 | Page 21 of 24
RECOMMENDED EXTERNAL COMPONENTS
Table 8. Recommended External Components for Typical Applications with a 3 A Output Current
fSW (kHz)
VIN (V)
VOUT (V)
L (µH)
COUT (µF)1
RTOP (kΩ)
RBOT (kΩ)
RRAMP (kΩ)
RC (kΩ)
CC (pF)
CCP (pF)
300
12
1
3.3
470 + 100
10
15
845
33.2
5600
120
1.2
3.3
330 + 100
10
10
845
29.4
5600
100
1.5
4.7
330
15
10
1000
30.9
5600
100
1.8
4.7
220
20
10
1000
24.9
5600
82
2.5
6.8
3 × 100
47.5
15
1500
28
5600
12
3.3
8.2
2 × 100
10
2.21
2700
24.9
5600
10
5
10
2 × 47
22
3
2700
18.7
5600
6.8
24
1
3.3
470 + 100
10
15
845
33.2
5600
120
1.2
4.7
470 + 100
10
10
1000
40.2
5600
100
1.5
4.7
330
15
10
1000
30.9
5600
100
1.8
6.8
330
20
10
1500
37.4
5600
82
2.5
8.2
220
47.5
15
2700
34.8
5600
68
3.3
10
3 × 100
10
2.21
2700
37.4
5600
10
5
15
2 × 100
22
3
3300
28
5600
6.8
8
22
2 × 47
44.2
3.57
5600
22.1
5600
3.9
12
22
47
52.3
2.74
5600
10.5
5600
2.7
600
12
1
1.5
220 + 47
10
15
383
31.6
2700
56
1.2
2.2
220 + 47
10
10
562
37.4
2700
47
1.5
2.2
3 × 100
15
10
562
34
2700
10
1.8
3.3
3 × 100
20
10
845
41.2
2700
8.2
2.5
3.3
100 + 47
47.5
15
845
28
2700
6.8
3.3
4.7
2 × 47
10
2.21
1000
24.9
2700
4.7
5
4.7
47
22
3
1000
18.7
2700
3.3
24
1.2
2.2
220 + 47
10
10
562
37.4
2700
47
1.5
2.2
3 × 100
15
10
562
34
2700
10
1.8
3.3
3 × 100
20
10
845
41.2
2700
8.2
2.5
4.7
2 × 100
47.5
15
1000
37.4
2700
6.8
3.3
4.7
2 × 47
10
2.21
1000
24.9
2700
4.7
5
6.8
100
22
3
1500
28
2700
3.3
8
10
47
44.2
3.57
2700
22.1
2700
1.8
12
10
47
52.3
2.74
2700
21
2700
1.2
1200
12
1.2
1
2 × 100
10
10
255
36.5
1200
6.8
1.5
1
2 × 47
15
10
255
22.6
1200
5.6
1.8
1.5
100 + 47
20
10
383
41.2
1200
4.7
2.5
1.5
100
47.5
15
383
37.4
1200
3.3
3.3
2.2
47
10
2.21
562
24.9
1200
2.2
5
2.2
47
22
3
562
37.4
1200
1.5
24
2.5
2.2
100
47.5
15
562
37.4
1200
3.3
3.3
2.2
47
10
2.21
562
24.9
1200
2.2
5
3.3
47
22
3
845
37.4
1200
1.5
8
4.7
47
44.2
3.57
1000
44.2
1200
1
12
4.7
47
52.3
2.74
1000
42.2
1200
0.5
1
680 μF: 4 V, KEMET T520Y687M004ATE010; 470 μF: 6.3 V, KEMET T520X477M006ATE010; 330 μF: 6.3 V, KEMET T520D337M006ATE009; 220 μF: 6.3 V, KEMET
T520D227M006ATE009; 100 μF: 6.3 V, X5R, Murata GRM32ER60J107ME20; 47 μF: 16 V, X5R, Murata GRM32ER61C476KE15K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com