Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2443ACPZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2443ACPZN-R7
Description  Process control and industrial automation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2443ACPZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2443ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ADP2443
Data Sheet
Rev. 0 | Page 10 of 24
–40
–20
20
0
406080
100
120
TEMPERATURE (°C)
5.10
4.80
4.90
4.85
4.95
5.00
5.05
Figure 17. VREG Voltage vs. Temperature
–40
–20
20
0
40
60
80
100
120
TEMPERATURE (°C)
140
0
40
80
20
60
100
120
RDSON_HS
RDSON_LS
Figure 18. MOSFET On Resistor vs. Temperature
CH1 10.0mV
B
W CH2 10.0V
M2.00µs
A CH2
10.0V
T 50.00%
CH4 1.0A BW
1
4
2
T
VOUT (AC)
IL
SW
Figure 19. Working Mode Waveform
–40
–20
20
040
60
80
100
120
TEMPERATURE (°C)
620
570
580
590
600
610
RT = 280kΩ
Figure 20. Frequency vs. Temperature
–40
–20
20
040
60
80
100
120
TEMPERATURE (°C)
6.0
3.0
4.0
3.5
4.5
5.0
5.5
Figure 21. Current-Limit Threshold vs. Temperature
CH1 2.00V BW CH2 5.00V BW M2.00ms
A CH3
11.2V
T 25.30%
CH3 20.0V BW CH4 1.00A BW
3
1
4
2
T
VOUT
IL
PGOOD
EN
Figure 22. Voltage Precharged Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com