Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2443ACPZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2443ACPZN-R7
Description  Process control and industrial automation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2443ACPZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2443ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
ADP2443
Rev. 0 | Page 9 of 24
60
0
10
20
30
40
50
12
16
20
24
28
32
36
INPUT VOLTAGE (V)
TJ = +125°C
TJ = +25°C
TJ = –40°C
Figure 11. Shutdown Current vs. Input Voltage (VPVIN)
–40
–20
20
0
40
60
80
100
120
4.5
3.7
3.9
4.1
3.8
4.0
4.2
4.3
4.4
TEMPERATURE (°C)
RISING
FALLING
Figure 12. PVIN UVLO Threshold vs. Temperature
–40
–20
20
0
40
60
80
100
120
606
594
598
596
600
602
604
TEMPERATURE (°C)
Figure 13. Feedback Voltage vs. Temperature
1000
700
750
800
850
900
950
12
16
20
24
28
32
36
INPUT VOLTAGE (V)
TJ = +125°C
TJ = +25°C
TJ = –40°C
Figure 14. Quiescent Current vs. Input Voltage (VPVIN)
–40
–20
20
0
40
60
80
100
120
1.25
0.95
1.05
1.00
1.10
1.15
1.20
TEMPERATURE (°C)
RISING
FALLING
Figure 15. EN Threshold vs. Temperature
3.60
3.20
3.30
3.25
3.35
3.40
3.50
3.45
3.55
TEMPERATURE (°C)
–40
–20
20
0
40
60
80
100
120
Figure 16. SS Pin Pull-Up Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com