Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2443ACPZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2443ACPZN-R7
Description  Process control and industrial automation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2443ACPZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2443ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Data Sheet
ADP2443
Rev. 0 | Page 11 of 24
CH1 2.00V BW CH2 5.00V BW M2.00ms
A CH3
11.2V
T
27.20%
CH3 20.0V BW CH4 2.00A BW
1
3
4
2
T
PGOOD
EN
IOUT
VOUT
Figure 23. Soft Start with Full Load
CH1 100mV
B
W
M200µs
A CH4
1.44A
T
20.00%
CH4 1.00A BW
1
4
T
VOUT (AC)
IOUT
Figure 24. Load Transient Response, 0.3 A to 2.7 A
CH1 2.00V BW CH2 20.0V BW M10.0ms
A CH1
3.04V
T
20.00%
CH4 5.00A BW
1
2
4
SW
IL
VOUT
T
Figure 25. Output Short Entry
CH1 2.00V BW CH2 5.00V BW M1.00ms
A CH3
2.60V
T
30.00%
CH3 5.00V BW CH4 2.00A BW
1
3
4
2
T
PGOOD
EN
IOUT
VOUT
Figure 26. Shutdown with Full Load
CH1 20.0mV
B
W
CH2 20.0V BW M2.00ms
A CH3
21.0V
T
20.10%
CH3 10.0V BW
1
2
3
T
VOUT (AC)
PVIN
SW
Figure 27. Line Transient Response, VIN = 12 V to 30 V, IOUT = 3 A
CH1 2.00V BW CH2 20.0V BW M10.0ms
A CH1
3.04V
T
80.10%
CH4 5.00A BW
1
2
4
SW
IL
VOUT
T
Figure 28. Output Short Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com