Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2443ACPZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2443ACPZN-R7
Description  Process control and industrial automation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2443ACPZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2443ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ADP2443
Data Sheet
Rev. 0 | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25oC, VIN = 24 V, VOUT = 5 V, L = 6.8 µH, COUT = 47 µF × 2, fSW = 600 kHz, unless otherwise noted.
100
30
40
50
60
70
80
90
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VOUT = 5V, L = 6.8µH
VOUT = 3.3V, L = 4.7µH
VOUT = 1.2V, L = 2.2µH
Figure 5. Efficiency at VIN = 24 V, fSW = 600 kHz
100
30
40
50
60
70
80
90
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VOUT = 5V, L = 10µH
VOUT = 3.3V, L = 10µH
VOUT = 1.2V, L = 4.7µH
Figure 6. Efficiency at VIN = 24 V, fSW = 300 kHz
100
30
40
50
60
70
80
90
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VOUT = 5V, L = 3.3µH
VOUT = 3.3V, L = 2.2µH
Figure 7. Efficiency at VIN = 24 V, fSW = 1.2 MHz
100
30
40
50
60
70
80
90
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VOUT = 5V, L = 6.8µH
VOUT = 3.3V, L = 4.7µH
VOUT = 1.2V, L = 2.2µH
Figure 8. Efficiency at VIN = 12 V, fSW = 600 kHz
100
30
40
50
60
70
80
90
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VOUT = 5V, L = 10µH
VOUT = 3.3V, L = 10µH
VOUT = 1.2V, L = 4.7µH
Figure 9. Efficiency at VIN = 12 V, fSW = 300 kHz
100
30
40
50
60
70
80
90
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VOUT = 5V, L = 3.3µH
VOUT = 3.3V, L = 2.2µH
VOUT = 1.2V, L = 1µH
Figure 10. Efficiency at VIN = 12 V, fSW = 1.2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com