Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2443ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2443ACPZN-R7
Description  Process control and industrial automation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2443ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP2443ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
3 A, 36 V, Synchronous Step-Down
DC-to-DC Regulator
Data Sheet
ADP2443
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Continuous output current: 3 A
Input voltage: 4.5 V to 36 V
Integrated MOSFETs: 98 mΩ/35 mΩ
Reference voltage: 0.6 V ± 1%
Fast minimum on time: 50 ns
Programmable switching frequency: 200 kHz to 1.8 MHz
Synchronizes to external clock: 200 kHz to 1.8 MHz
Precision enable and power good
Cycle-by-cycle current limit with hiccup protection
External compensation
Programmable soft start time
Startup into a precharged output
Supported by ADIsimPower design tool
APPLICATIONS
Intermediate power rail conversion
Multicell battery powered systems
Process control and industrial automation
Healthcare and medical
Networking and servers
TYPICAL APPLICATION CIRCUIT
PVIN
RRAMP
CVREG
CSS
RT
RC
RBOT
VOUT
COUT
RTOP
CBST
CC
CIN
VIN
EN
BST
ADP2443
SW
RAMP
PGOOD
RT/SYNC
VREG
GND
PGND
FB
COMP
SS
L
Figure 1.
GENERAL DESCRIPTION
The ADP2443 is synchronous step-down, dc-to-dc regulator
with an integrated 98 mΩ, high-side power metal oxide semicon-
ductor field effect transistor (MOSFET) and a 35 mΩ, synchronous
rectifier MOSFET to provide a high efficiency solution in a
compact 4 mm × 4 mm LFCSP package. The regulators operate
from an input voltage range of 4.5 V to 36 V. The output voltage
can be adjusted down to 0.6 V and deliver up to 3 A of
continuous current. The fast 50 ns minimum on time allows the
regulators convert high input voltage to low output voltage at high
frequency.
The ADP2443 uses an emulated current mode, constant frequency
pulse-width modulation (PWM) control scheme for excellent
stability and transient response. The switching frequency of the
ADP2443 can be programmed from 200 kHz to 1.8 MHz. The
synchronization function allows the switching frequency be syn-
chronized with an external clock to minimize the system noise.
The ADP2443 targets high performance applications that require
high efficiency and design flexibility. External compensation
and an adjustable soft start function provide design flexibility.
The power-good output and precision enable input provide
simple and reliable power sequencing.
Other key features include undervoltage lockout (UVLO),
overvoltage protection (OVP), overcurrent protection (OCP),
short-circuit protection (SCP), and thermal shutdown (TSD).
The ADP2443 operates over the −40°C to +125°C operating
junction temperature range and is available in a 24-lead, 4 mm ×
4 mm LFCSP package.
100
50
55
60
65
70
75
80
85
90
95
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VOUT = 5V
VOUT = 3.3V
Figure 2. Efficiency vs. Output Current, VIN = 24 V, fSW = 300 kHz


Similar Part No. - ADP2443ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2443-EVALZ AD-ADP2443-EVALZ Datasheet
357Kb / 9P
Full featured evaluation board
Rev. 0
More results

Similar Description - ADP2443ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CGL ITT-CGL Datasheet
82Kb / 1P
Circular; Industrial Automation Machine Tools Motion Control
logo
Vicor Corporation
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
Industrial and process control, distributed power, medical, ATE, communications,
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
Industrial and process control, distributed power, medical, ATE, communications,
logo
List of Unclassifed Man...
STAS2 ETC2-STAS2 Datasheet
156Kb / 2P
Hirschmann Automation and Control GmbH
M-SFP-SXLC ETC2-M-SFP-SXLC Datasheet
149Kb / 2P
Hirschmann Automation and Control GmbH
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
Process Control and Factory Automation
logo
Silicon Laboratories
EFM32PG1 SILABS-EFM32PG1 Datasheet
964Kb / 94P
Industrial and factory automation
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
Industrial Controls and Factory Automation
logo
EDA Technology Co.,LTD
ED-CM4IND10-0232-4C-I EDATEC-ED-CM4IND10-0232-4C-I Datasheet
2Mb / 5P
Industrial Computer for IoT, Industrial Control and Automation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com