Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2443ACPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2443ACPZN-R7
Description  Process control and industrial automation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2443ACPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2443ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
ADP2443
Rev. 0 | Page 15 of 24
APPLICATIONS INFORMATION
INPUT CAPACITOR SELECTION
The input capacitor reduces the input voltage ripple caused by
the switch current on PVIN. Place the input capacitor as close
as possible to the PVIN pin. A ceramic capacitor in the 10 μF to
47 μF range is recommended. The loop that is composed of this
input capacitor, the high-side N-MOSFET, and the low-side N-
MOSFET must be kept as small as possible.
The voltage rating of the input capacitor must be greater than
the maximum input voltage. The rms current rating of the input
capacitor must be larger than the value calculated from the
following equation:
ICIN_RMS = IOUT ×
)
1
(
D
D
×
OUTPUT VOLTAGE SETTING
The output voltage of the ADP2443 is set by an external resistor
divider. The resistor values are calculated using
VOUT = 0.6 ×


+
BOT
TOP
R
R
1
To limit output voltage accuracy degradation due to FB bias
current (0.1 µA maximum) to less than 0.5% (maximum),
ensure that RBOT < 30 kΩ.
Table 5 lists the recommended resistor divider values for
various output voltages.
Table 5. Resistor Divider Values for Various Output Voltages
VOUT (V)
RTOP ± 1% (kΩ)
RBOT ± 1% (kΩ)
1.0
10
15
1.2
10
10
1.5
15
10
1.8
20
10
2.5
47.5
15
3.3
10
2.21
5.0
22
3
8.0
44.2
3.57
10.0
39.2
2.49
12.0
52.3
2.74
VOLTAGE CONVERSION LIMITATIONS
The minimum output voltage for a given input voltage and
switching frequency is constrained by the minimum on time.
The minimum on time of the ADP2443 is typically 50 ns.
Calculate the minimum output voltage at a given input voltage
and frequency using the following equation:
VOUT_MIN = VIN × tMIN_ON × fSW − (RDSON_HS − RDSON_LS) ×
IOUT_MIN × tMIN_ON × fSW − (RDSON_LS + RL) × IOUT_MIN
(1)
where:
VOUT_MIN is the minimum output voltage.
tMIN_ON is the minimum on time.
fSW is the switching frequency.
RDSON_HS is the high-side MOSFET on resistance.
RDSON_LS is the low-side MOSFET on resistance.
IOUT_MIN is the minimum output current.
RL is the series resistance of output inductor.
The maximum output voltage for a given input voltage and
switching frequency is constrained by the minimum off time
and the maximum duty cycle. The minimum off time is typically
200 ns.
Calculate the maximum output voltage, limited by the minimum
off time at a given input voltage and frequency, using the
following equation:
VOUT_MAX = VIN × (1 − tMIN_OFF × fSW) − (RDSON_HS − RDSON_LS) ×
IOUT_MAX × (1 − tMIN_OFF × fSW) − (RDSON_LS + RL) × IOUT_MAX
(2)
where:
VOUT_MAX is the maximum output voltage.
tMIN_OFF is the minimum off time.
IOUT_MAX is the maximum output current.
As Equation 1 and Equation 2 show, reducing the switching
frequency alleviates the minimum on time and minimum off
time limitations.
INDUCTOR SELECTION
The inductor value is determined by the operating frequency,
input voltage, output voltage, and inductor ripple current. Using
a small inductor results in a faster transient response but degrades
efficiency, due to a larger inductor ripple current; whereas using
a large inductor value results in s smaller ripple current and
better efficiency, but also results in a slower transient response.
As a guideline, the inductor ripple current, ΔIL, is typically set
to one-third of the maximum load current. Calculate the
inductor value using the following equation:
L =
SW
L
OUT
IN
f
I
D
V
V
×
×
)
(
where:
VIN is the input voltage.
VOUT is the output voltage.
D is the duty cycle.
ΔIL is the inductor current ripple.
fSW is the switching frequency.
D =
IN
OUT
V
V
Calculate the peak inductor current using
IPEAK = IOUT +
2
L
I
The saturation current (ISAT) of the inductor must be larger than the
peak inductor current. For ferrite core inductors with a quick
saturation characteristic, the saturation current rating of the
inductor must be greater than the current limit threshold of the
switch, which prevents the inductor from reaching saturation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com