Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2443ACPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2443ACPZN-R7
Description  Process control and industrial automation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2443ACPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2443ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Data Sheet
ADP2443
Rev. 0 | Page 13 of 24
THEORY OF OPERATION
The ADP2443 is synchronous step-down, dc-to-dc regulator that
uses an emulated current-mode architecture with an integrated
high-side power switch and a low-side synchronous rectifier.
The regulator targets high performance applications that require
high efficiency and design flexibility.
The ADP2443 operates with an input voltage from 4.5 V to 36 V
and regulates the output voltage down to 0.6 V. Additional features
that maximize design flexibility include programmable switching
frequency, programmable soft start, external compensation,
precision enable, and a power-good output.
CONTROL SCHEME
The ADP2443 uses a fixed frequency, current mode PWM control
architecture to achieve high efficiency and low noise operation.
The ADP2443 operates at a fixed frequency set by an external
resistor from RT/SYNC to GND. It uses the low side NFET current
for the PWM control as shown in Figure 32. The valley current
information is captured at the end of the off period and combines
with the slope ramp to form the emulated current ramp voltage.
The slope ramp voltage is controlled by the resistor between
RAMP and PVIN. At the start of each oscillator cycle, the high-
side NFET turns on and the inductor current increases until the
emulated current ramp voltage crosses the COMP voltage, which
turns off the high-side NFET and turns on the low-side NFET,
which in turn places a negative voltage across the inductor,
causing a reduction in the inductor current. The low-side NFET
stays on for the remainder of the cycle.
DH
DL
IN
PWM
CLK
VRAMP
IRAMP
PVIN
PVIN
SW
VOUT
VCOMP
RC
CC
COUT
RTOP
RBOT
0.6V
Q
R
S
– ACS
gm
L
Figure 32. PWM Control Scheme
PRECISION ENABLE/SHUTDOWN
The EN input pin has a precision analog threshold of 1.2 V
(typical) with 100 mV of hysteresis. When the enable voltage
exceeds 1.2 V, the regulator turns on; when it falls below 1.1 V
(typical), the regulator turns off. To force the regulator to start
automatically when input power is applied, connect EN to PVIN.
The precision EN pin has an internal pull-down current source
(0.13 µA) that provides a default turn-off when the EN pin is open.
When the EN pin voltage exceeds 1.2 V (typical), the ADP2443
is enabled and the internal pull-up current increases to 4 µA, which
allows users to program the PVIN UVLO and hysteresis.
INTERNAL REGULATOR (VREG)
The on-board 5 V regulator provides a stable supply for the
internal circuits. It is recommended that a 1 µF ceramic capacitor
be placed between the VREG pin and GND. The internal regulator
includes a current-limit circuit to protect the output if the
maximum external load current is exceeded.
BOOTSTRAP CIRCUITRY
The ADP2443 includes a regulator to provide the gate drive
voltage for the high-side N-MOSFET. It uses differential sensing
to generate a 5 V bootstrap voltage between the BST and SW pins.
It is recommended that a 0.1 µF, X7R or X5R ceramic capacitor
be placed between the BST pin and the SW pin.
OSCILLATOR
The switching frequency of ADP2443 is controlled by the
RT/SYNC pin. A resistor from RT/SYNC to GND programs the
switching frequency according to the following equation:
)
(
000
,
168
(kHz)
T
SW
R
f
=
A 280 kΩ resistor sets the frequency to 600 kHz, and a 560 kΩ
resistor sets the frequency to 300 kHz. Figure 33 shows the
typical relationship between fSW and RT.
2200
0
800
1400
2000
600
1200
1800
400
200
1000
1600
0
100
200
300
400
500
700
600
800
900
RT (kΩ)
Figure 33. Switching Frequency vs. RT
SYNCHRONIZATION
To synchronize the ADP2443, connect an external clock to the
RT/SYNC pin. The frequency of the external clock can be in the
range of 200 kHz to 1.8 MHz. During synchronization, the reg-
ulator operates in continuous conduction mode (CCM) and the
rising edge of the switching waveform runs 180° out of phase to
the rising edge of the external clock.
When the ADP2443 is operating in synchronization mode,
a resistor must be connected from the RT/SYNC pin to GND
to program the internal oscillator to run at 80% to 120% of the
external synchronization clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com