Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2443ACPZN-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP2443ACPZN-R7
Description  Process control and industrial automation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2443ACPZN-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP2443ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Data Sheet
ADP2443
Rev. 0 | Page 23 of 24
TYPICAL APPLICATIONS CIRCUITS
GND
PGND
COMP
SS
VREG
RT/SYNC
PGOOD
RAMP
EN
PVIN
ADP2443
FB
SW
BST
RC
26.7kΩ
RRAMP
1MΩ
RPGOOD
100kΩ
RT
280kΩ
RBOT
2.21kΩ
1%
RTOP
10kΩ
1%
COUT1
47µF
6.3V
COUT2
47µF
6.3V
CIN
10µF
50V
CVREG
1µF
VOUT = 3.3V
VIN = 24V
L
4.7µH
CBST
0.1µF
CSS
22nF
CC
2.7nF
CCP
4.7pF
Figure 43. Typical Application Circuit, VIN = 24 V, VOUT = 3.3 V, IOUT = 3A, fSW = 600 kHz
GND
PGND
COMP
SS
VREG
RT/SYNC
PGOOD
RAMP
EN
PVIN
ADP2443
FB
SW
BST
RC
34.8kΩ
RTOP_EN
84.5kΩ
RBOT_EN
5.36kΩ
RRAMP
499kΩ
RT
340kΩ
RBOT
10kΩ
1%
RTOP
10kΩ
1%
COUT1
220µF
6.3V
COUT2
100µF
6.3V
CIN
10µF
50V
CVREG
1µF
VOUT = 1.2V
VIN = 24V
L
2.2µH
CBST
0.1µF
CSS
47nF
CC
3.3nF
CCP
56pF
Figure 44. Programming Input Voltage UVLO Rising Threshold at 20 V, Falling Threshold at 18 V, VIN = 24 V, VOUT = 1.2 V, IOUT = 3 A, fSW = 500 kHz
GND
PGND
COMP
VREG
RT/SYNC
SS
PGOOD
RAMP
EN
PVIN
ADP2443
FB
SW
BST
RC
40.2kΩ
RRAMP
845kΩ
RPGOOD
100kΩ
RT
140kΩ
RBOT
3kΩ
1%
RTOP
22kΩ
1%
COUT
47µF
16V
CIN
10µF
50V
CVREG
1µF
VOUT = 5V
VIN = 24V
L
3.3µH
CBST
0.1µF
CSS
22nF
CC
1.2nF
CCP
1.5pF
Figure 45. Typical Application Circuit, VIN = 24 V, VOUT = 5 V, IOUT = 3 A, fSW = 1.2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com