Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2443ACPZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2443ACPZN-R7
Description  Process control and industrial automation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2443ACPZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2443ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
ADP2443
Data Sheet
Rev. 0 | Page 14 of 24
SOFT START
The ADP2443 uses the SS pin to program the soft start time.
Place a capacitor between SS and GND; an internal current
charges this capacitor to establish the soft start ramp. Calculate
the soft start time (tSS) using the following equation:
SS
SS
SS
I
C
t
×
=
V
6
.
0
where:
CSS is the soft start capacitance.
ISS is the typical soft start pull-up current (3.4 µA).
If the output voltage is precharged before power up, the ADP2443
prevents the low-side MOSFET from turning on until the soft
start voltage exceeds the voltage on the FB pin.
POWER GOOD
The power-good pin (PGOOD) is an active high, open-drain
output that requires an external resistor to pull it up to a
voltage. A logic high on the PGOOD pin indicates that the
voltage on the FB pin (and therefore the output voltage) is
within regulation.
The power-good circuitry monitors the output voltage on the
FB pin and compares it to the rising and falling thresholds that
are specified in Table 1. If the rising output voltage exceeds the
target value, the PGOOD pin is held low. The PGOOD pin
continues to be held low until the falling output voltage returns
to the target value.
If the output voltage falls below the target output voltage, the
PGOOD pin is held low. The PGOOD pin continues to be held
low until the rising output voltage returns to the target value.
The power-good rising and falling thresholds are shown in
Figure 34. There is always a 16-cycle waiting period (deglitch)
before the PGOOD pin is pulled from low to high or from high
to low.
VOUT RISING
VOUT FALLING
16-CYCLE
DEGLITCH
16-CYCLE
DEGLITCH
16-CYCLE
DEGLITCH
16-CYCLE
DEGLITCH
110%
105%
100%
95%
90%
PGOOD
Figure 34. PGOOD Rising and Falling Thresholds
PEAK CURRENT-LIMIT AND SHORT-CIRCUIT
PROTECTION
The ADP2443 uses the emulated current ramp voltage for cycle-
by-cycle current limit protection to prevent current runaway. When
the emulated current ramp voltage reaches the valley current
limit threshold plus the ramp voltage, the high-side MOSFET
turns off and the low-side MOSFET turns on until the next cycle.
The overcurrent counter increments during this process; otherwise
the overcurrent counter decreases. If the overcurrent counter reaches
10 or the FB voltage drops below 0.2 V after the soft start, the
device enters hiccup mode. During hiccup mode, the high-side
NFET and low-side NFET are both turned off. The device remains
in this mode for seven soft start cycles and then attempts to restart
with soft start. If the current-limit fault is cleared, the device
resumes normal operation; otherwise, it reenters hiccup mode.
PWM
SW
VFB
CURRENT-LIMIT
COMPARATOR
VRAMP
IRAMP
PVIN
CRAMP
RRAMP
HICCUP
CONTROL
BLOCK
CYCLE-BY-CYCLE
THRESHOLD
– ACS
Figure 35. Current-Limit Circuit
PWM
VRAMP
CYCLE-BY-CYCLE PEAK
CURRENT-LIMIT THRESHOLD
VALLEY
CURRENT-LIMIT
THRESHOLD
Figure 36. Cycle-By-Cycle Current-Limit Waveform
OVERVOLTAGE PROTECTION (OVP)
The ADP2443 includes an OVP feature to protect the regulator
against an output short to a higher voltage supply or when a strong
load disconnect transient occurs. If the feedback voltage increases
to 0.7 V, the internal high-side MOSFET and low-side MOSFET
are turned off until the voltage at the FB pin decreases to 0.63 V.
At that time, the ADP2443 resumes normal operation.
UNDERVOLTAGE LOCKOUT (UVLO)
UVLO circuitry is integrated in the ADP2443 to prevent the
occurrence of power-on glitches. If the VPVIN voltage drops below
3.9 V typical, the device shuts down and both the power switch
and synchronous rectifier turn off. When the VPVIN voltage rises
again above 4.3 V typical, the soft start period is initiated and
the device is enabled.
THERMAL SHUTDOWN
If the ADP2443 junction temperature rises above 150°C, the
internal thermal shutdown circuit turns off the regulator for self
protection. Extreme junction temperatures can be the result of high
current operation, poor PCB layout thermal design, and/or high
ambient temperature. A 25°C hysteresis is included in the thermal
shutdown circuit so that, if an overtemperature event occurs, the
ADP2443 does not return to normal operation until the on-chip
temperature drops below 125°C. Upon recovery, a soft start is
initiated before normal operation begins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com