Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2443ACPZN-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2443ACPZN-R7
Description  Process control and industrial automation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2443ACPZN-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2443ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2443ACPZN-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
ADP2443
Rev. 0 | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
SW
SW
GND
VREG
FB
COMP
PGND
SW
BST
PVIN
PVIN
PVIN
25
GND
ADP2443
TOP VIEW
(Not to Scale)
26
SW
NOTES
1. EXPOSED GND PAD. THE EXPOSED GND PAD MUST
BE SOLDERED TO A LARGE, EXTERNAL, COPPER
GND PLANE TO REDUCE THERMAL RESISTANCE.
2. EXPOSED SW PAD. THE EXPOSED SW PAD MUST
BE CONNECTED TO THE SW PINS OF THE ADP2443
BY USING SHORT, WIDE TRACES, OR SOLDERED
TO A LARGE EXTERNAL SW COPPER PLANE TO
REDUCE THERMAL RESISTANCE.
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
COMP
Error Amplifier Output. Connect an RC network from COMP to GND.
2
FB
Feedback Voltage Sense Input. Connect this pin to a resistor divider from the output voltage (VOUT).
3
VREG
Output of the Internal 5 V Regulator. The control circuits are powered from the voltage on this pin. Place a 1 µF,
X7R or X5R ceramic capacitor between this pin and GND.
4
GND
Analog Ground. Return of internal control circuit.
5, 6, 7, 14
SW
Switch Node Output. Connect these pins to the output inductor.
8 to 13
PGND
Power Ground. Return of low-side power MOSFET.
15
BST
Supply Rail for the High-Side Gate Drive. Place a 0.1 µF, X7R or X5R capacitor between SW and BST.
16 to 19
PVIN
Power Input. Connect these pins to the input power source and connect a bypass capacitor between these pins and
PGND.
20
EN
Precision Enable Pin. An external resistor divider can be used to set the turn-on threshold. To enable the device
automatically, connect the EN pin to the PVIN pin.
21
PGOOD
Power-Good Output (Open-Drain). A pull-up resistor of 10 kΩ to 100 kΩ is recommended.
22
RT/SYNC
Frequency Setting (RT). Connect a resistor between RT and GND to program the switching frequency between
200 kHz to 1.8 MHz.
Synchronization Input (SYNC). Connect this pin to an external clock to synchronize the switching frequency
between 200 kHz and 1.8 MHz. See the Oscillator section and the Synchronization section for more information.
23
RAMP
Slope Compensation Setting. Connect a resistor from RAMP to PVIN to set the slope compensation.
24
SS
Soft Start Control. Connect a capacitor from SS to GND to program the soft start time.
25
EP, GND
Exposed GND Pad. The exposed GND pad must be soldered to a large, external, copper GND plane to reduce
thermal resistance.
26
EP, SW
Exposed SW Pad. The exposed SW pad must be connected to the SW pins of the ADP2443 by using short, wide
traces, or soldered to a large external SW copper plane to reduce thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com