Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT80C196 Datasheet(PDF) 31 Page - Aeroflex Circuit Technology

Part # UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Datasheet(HTML) 31 Page - Aeroflex Circuit Technology

Back Button UT80C196 Datasheet HTML 27Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 28Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 29Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 30Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 31Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 32Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 33Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 34Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 35Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
31
6.0 XTAL1 CLOCK DRIVE TIMING CHARACTERISTICS
Note:
1. Tested only at initial qualification, and after any design or process changes which may affect this characteristic.
2. Supplied as a design limit, but not guaranteed or tested.
Figure 7. External Clock Drive Timing Waveforms
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
fOSC
Oscillator Frequency
1
(note 1)
20
MHz
TOSC
Oscillator Period
50
1000(note 1)
ns
tOSCH
High Time
17(note 1)
ns
tOSCL
Low Time
17(note 1)
ns
tOSCR
Rise Time
10(note 2)
ns
t
OSCF
Fall Time
10(note 2)
ns
tOSCH
TOSC
tOSCF
tOSCR
0.7 V DD
0.7 VDD
0.3VDD
0.3VDD
tOSCL
0.7 VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com