Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT80C196 Datasheet(PDF) 20 Page - Aeroflex Circuit Technology

Part # UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Datasheet(HTML) 20 Page - Aeroflex Circuit Technology

Back Button UT80C196 Datasheet HTML 16Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 17Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 18Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 19Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 20Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 21Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 22Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 23Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 24Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
20
41
TUO
BHE
Low
Byte High Enable. The assertion of the BHE signal will occur
for all 16-bit word writes, and high byte writes in both 8- and 16-
bit wide bus cycles.
Setting CCR.2 = 1 enables the BHE function of pin 41.
TUO
WRH
Low
Write High. The WRH signal is asserted for high byte writes,
and word writes for 16-bit wide bus cycles. Additionally, WRH
is asserted for all write operations when using an 8-bit wide bus
cycle.
Setting CCR.2 = 0 enables the WRH function of pin 41.
42
TI
P2.4
---
Port 2 Pin 4. An input only port pin that is read at location 10h
of HWindow 0.
TI
T2RST
High
Timer 2 Reset. Asserting the T2RST signal will reset Timer 2.
To enable the T2RST function of pin 42, set IOC0.3 = 1 and
IOC0.5 = 0.
43
TI
READY
High
READY input. The READY signal is used to lengthen memory
cycles by inserting “wait states” for interfacing to slow peripher-
als. When the READY signal is high, no “wait states” are gener-
ated, and the CPU operation continues in a normal fashion. If
READY is low during the falling edge of CLKOUT, the mem-
ory controller inserts “wait states” into the memory cycle. “Wait
state” generation will continue until a falling edge of CLKOUT
detects READY as logically high, or until the number of “wait
states” is equal to the number programmed into CCR.4 and
CCR.5.
Note: The READY signal is only used for external memory
accesses, and is functional during the CCR fetch.
44
TI
P2.3
---
Port 2 Pin 3. An input only port pin that is read at location 10h
of HWindow 0.
TI
T2CLK
---
Timer 2 Clock input. Setting IOC0.7 = 0 and IOC3.0 = 0
enables this pin as the external clock source for Timer 2.
IOC0.7:
IOC3.0:
Timer 2 Clock Source:
X
1
Internal Clock Source
0
0
P2.3 External Clock Source
1
0
HSI.1 External Clock Source
45
TUB
AD15
---
Bit 15 of the Address/Data bus. This pin is a dedicated address
pin when operating with 8-bit wide bus cycles. For 16-bit wide
bus cycles, this pin is used as multiplexed address and data.
Table 10: 68-lead Flat Pack Pin Descriptions
QFP Pin#
I/O
Name
Active
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com