Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT80C196 Datasheet(PDF) 35 Page - Aeroflex Circuit Technology

Part # UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Datasheet(HTML) 35 Page - Aeroflex Circuit Technology

Back Button UT80C196 Datasheet HTML 31Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 32Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 33Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 34Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 35Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 36Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 37Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 38Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 39Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
35
Table 12. Serial Port Timing
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
tXLXL
2
Serial port clock period (BRR > 8002H)
6 TOSC
typical
ns
t
XLXH
1
Serial port clock falling edge to rising edge
(BRR > 8002H)
4 TOSC -50
4 TOSC +50
ns
t
XLXL
2
Serial port clock period (BRR = 8001H)
4 T
OSC
typical
ns
tXLXH
1
Serial port clock falling edge to rising edge
(BRR = 8001H)
2 TOSC -50
2 TOSC +50
ns
tQVXH
1
Output data valid to clock rising edge
2 TOSC -50
ns
tXHQX
1
Output data hold after clock rising edge
2 T
OSC -50
ns
t
XHQV
1
Next output data valid after clock rising edge
2 TOSC +50
ns
tDVXH
1
Input data setup to clock rising edge
TOSC +50
ns
tXHDX
1
Input data hold after clock rising edge
0
ns
t
XHQZ
1
Last clock rising to output float
2 TOSC -10
2 TOSC +10
ns
TXD
RXD (OUT)
RXD (IN)
0
1
2
3
4
5
6
7
TXLXL
tQVXH
tXHQV
tXHQX
tDVXH
tXHDX
tXLXH
tXHQZ
Figure 12. Serial Port Waveform - Shift Register Mode
0
1
2
3
5
4
6
7
6
Note :
1. Tested only at initial qualification, and after my design or process changes which may affect this characteristic.
2. These specs are verified functional vectors (strobed) only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com