Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT80C196 Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button UT80C196 Datasheet HTML 10Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 11Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 12Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 13Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 14Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 15Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 16Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 17Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 18Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
14
7
TI
P0.2
---
Port 0 Pin 2. An input only port pin that is read at location 0Eh
in HWindow 0.
TB
ECB1
1
---
EDAC Check Bit 1. Asserting the EDACEN pin will cause the
error detection and correction engine to pass the EDAC Check
Bit 1 through pin 7 of the UT80C196KD.
8
TI
P0.6
---
Port 0 Pin 6. An input only port pin that is read at location 0Eh
in HWindow 0.
TB
ECB01
---
EDAC Check Bit 0. Asserting the EDACEN pin will cause the
error detection and correction engine to pass the EDAC Check
Bit 0 through pin 8 of the UT80C196KD.
9
TI
P0.7
---
Port 0 Pin 7. An input only port pin that is read at location 0Eh
in HWindow 0.
TI
EXTINT
High
External Interrupt. Setting IOC1.1 = 1 enables pin 9 as the
source for the external interrupt EXTINT. A rising edge on this
pin will generate EXTINT (INT07, 200Eh). Assert EXTINT for
at least 2 state times to ensure acknowledgment by the interrupt
controller.
During Power Down mode, asserting EXTINT places the chip
back into normal operation, even if EXTINT is masked.
10
TI
P0.5
---
Port 0 Pin 5. An input only port pin that is read at location 0Eh
in HWindow 0.
11
TI
P0.4
---
Port 0 Pin 4. An input only port pin that is read at location 0Eh
in HWindow 0.
12
GND
V
SS
---
Digital circuit ground (0V). There are 4 V
SS pins, all of which
must be connected and one additional recommeded VSS connec-
tion.
13
PWR
VDD
---
Digital supply voltage (+5V). There are 2 VDD pins, both of
which must be connected.
14
GND
VSS
---
Digital circuit ground (0V). There are 4 VSS pins, all of which
must be connected and one additional recommeded V
SS connec-
tion.
Table 10: 68-lead Flat Pack Pin Descriptions
QFP Pin#
I/O
Name
Active
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com