Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT80C196 Datasheet(PDF) 15 Page - Aeroflex Circuit Technology

Part # UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Datasheet(HTML) 15 Page - Aeroflex Circuit Technology

Back Button UT80C196 Datasheet HTML 11Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 12Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 13Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 14Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 15Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 16Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 17Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 18Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 19Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
15
15
TI
P2.2
---
Port 2 Pin 2. An input only port pin that is written at location
10h of HWindow 0. P2.2 will always generate EXTINT1
(INT13, 203Ah) unless masked by the INT_MASK1 register.
Assert EXTINT1 for at least 2 state times to guarantee acknowl-
edgment by the interrupt controller.
TI
EXTINT
High
External Interrupt. Setting IOC1.1 = 0 enables pin 15 as the
source for the external interrupt EXTINT. A rising edge on this
pin will generate EXTINT (INT07, 200Eh). Assert EXTINT for
at least 2 state times to ensure acknowledgment by the interrupt
controller.
During Power Down mode, asserting EXTINT places the chip
back into normal operation, even if EXTINT is masked.
16
TUBS
RESET
Low
Master Reset. The first external reset signal supplied to the
UT80C196KD must be active for at least 16 state times. All
subsequent RESET assertions need only be active for 1 state
time because the UT80C196KD will continue driving the
RESET signal for an additional 16 state times. See section 1.1.2
for more information on the RESET function of the
UT80C196KD.
17
TI
P2.1
---
Port 2 Pin 1. An input only port pin that is read at location 10h
of HWindow 0.
Setting SPCON.3 = 0 enables the P2.1 function of pin 17.
TB
RXD
---
RXD is a bidirectional serial data port. When operating in Serial
Modes 1, 2, and 3, RXD receives serial data. When using Serial
Mode 0, RXD operates as an input and an open-drain output for
data.
Setting SPCON.3 = 1 enables the RXD function of pin 17.
18
2
TUO
P2.0
---
Port 2 Pin 0. An output only port pin that is written at location
10h of HWindow 0.
Setting IOC1.5 = 0 enables the P2.0 function of pin 18.
TUO
TXD
---
Transmit Serial Data (TXD). When set to Serial Mode 1, 2, or 3,
TXD transmits serial port data. When using Serial Mode 0,
TXD is used as the Serial Clock output.
Setting IOC1.5 = 1 enables the TXD function of pin 18.
TUI
ICT
Low
In-Circuit Test. The UT80C196KD will enter the In-Circuit
Test mode if this pin is held low during the rising edge of
RESET.
Table 10: 68-lead Flat Pack Pin Descriptions
QFP Pin#
I/O
Name
Active
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com