Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT80C196 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button UT80C196 Datasheet HTML 2Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 3Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 4Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 5Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 6Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 7Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 8Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 9Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
Notes:
1. For some functions that share a register address in HWindow0, the opposite access type (read/write) is available in HWindow 15 if
indicated by the three asterisks (***).
2. These registers are not available in the industry standard 80C196KD. Therefore, industry standard development software will not recognize these
mnemonics, and you will only be able to access them via their physical addresses.
Table 7. SFR Memory Mapping
Address
HWin 0 Read
HWin 0 Write
HWin 1
HWin 151
019H
Stack Pntr (hi)
Stack Pntr (hi)
Stack Pntr (hi)
Stack Pntr (hi)
018H
Stack Pntr (lo)
Stack Pntr (lo)
Stack Pntr (lo)
Stack Pntr (lo)
017H
IOS2
PWM0_CTRL
PWM2_CTRL
***
016H
IOS1
IOC1
PWM1_CTRL
***
015H
IOS0
IOC0
EDAC-CS2
***
014H
WSR
WSR
WSR
WSR
013H
INT_MASK1
INT_MASK1
INT_MASK1
INT_MASK1
012H
INT_PEND1
INT_PEND1
INT_PEND1
INT_PEND1
011H
SP_STAT
SP_CON
RESERVED
***
010H
PORT 2
PORT 2
RESERVED
PSW
2
00FH
PORT 1
PORT 1
Timer 3(hi)
2
RESERVED
00EH
PORT 0
BAUD RATE
Timer 3(lo)
2
RESERVED
00DH
Timer 2 (hi)
Timer 2 (hi)
WDT-SCALE
2
T2CAPTURE (hi)
00CH
Timer 2 (lo)
Timer 2 (lo)
IOC3
T2CAPTURE (lo)
00BH
Timer 1 (hi)
IOC2
INT_PRI(hi)2
***
00AH
Timer 1 (lo)
Watchdog
INT_PRI(lo)2
***
009H
INT_PEND
INT_PEND
INT_PEND
INT_PEND
008H
INT_MASK
INT_MASK
INT_MASK
INT_MASK
007H
SBUF (RX)
SBUF (TX)
PTSSRV (hi)
***
006H
HSI_status
HSO_command
PTSSRV (lo)
***
005H
HSI_time(hi)
HSO_time (hi)
PTSSEL (hi)
***
004H
HSI_time (lo)
HSO_time (lo)
PTSSEL (lo)
***
003H
RESERVED
HSI_mode
RESERVED
***
002H
RESERVED
RESERVED
RESERVED
RESERVED
001H
Zero_reg (hi)
Zero_reg (hi)
Zero-reg (hi)
Zero_reg (hi)
000H
Zero_reg (lo)
Zero_reg (lo)
Zero_reg (lo)
Zero_reg (lo)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com