Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT80C196 Datasheet(PDF) 26 Page - Aeroflex Circuit Technology

Part # UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Datasheet(HTML) 26 Page - Aeroflex Circuit Technology

Back Button UT80C196 Datasheet HTML 22Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 23Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 24Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 25Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 26Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 27Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 28Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 29Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 30Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
5.0 AC CHARACTERISTICS READ CYCLE
(V
DD = 5.0V ±10%) (TC = -55°C to +125 °C for "C" screening and -40°C to +125 °C for "W" screening)
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
tAVYV
5
Address VALID to READY setup
2T
OSC - 30
ns
tYLYH
5
Non-READY time
No upper limit
ns
tCLYX
1,5
READY hold after CLKOUT low
0
2T OSC - 20
ns
tLLYX
1,5
READY hold after ALE low
TOSC
3T OSC - 20
ns
t
AVGV
5
Address valid to BUSWIDTH setup
2T OSC - 30
ns
t
CLGX
5
BUSWIDTH hold after CLKOUT low
0
ns
tAVDV
2,5
Address valid to input data valid
3T OSC - 29
ns
tRLDV
2
RD Active to input data valid
5 (see Note 5)
T
OSC - 26
ns
tCLDV
5
CLKOUT low to input data valid
5
T
OSC - 26
ns
tRHDZ
5
End of RD to input data float
0
TOSC -10
ns
t
RXDX
5
Data hold after RD inactive
0
TOSC -10
ns
f
OSC
5
Frequency on XTAL1
1 (see Note 7)
20 (see Note 6)
Mhz
TOSC
5
XTAL1 period (1/fOSC)
50 (see Note 6)
1000 (see Note 7)
ns
t
XHCH
XTAL1 high to CLKOUT high or low
0
+25
ns
t
CLCL
6
CLKOUT cycle time
2TOSC Typical
ns
tCHCL
5
CLKOUT high period
TOSC - 10
TOSC +10
ns
t
CLLH
CLKOUT falling edge to ALE rising
-5
+15
ns
t
LLCH
5
ALE falling edge to CLKOUT rising
-10
+10
ns
tLHLH
2 , 6
ALE cycle time
4TOSC Typical
ns
tLHLL
5
ALE high period
T
OSC - 10
T
OSC +15
ns
tAVLL
5
Address setup to ALE falling edge
T
OSC - 15
ns
tLLAX
Address hold after ALE falling edge
TOSC - 20
TOSC +5
ns
t
LLRL
ALE falling edge to RD falling edge
T
OSC - 5
T
OSC +10
ns
tRLCL
RD low to CLKOUT falling edge
-5
+10
ns
tRLRH
2
RD low period
TOSC - 5
ns
t
RHLH
3,5
RD rising edge to ALE rising edge
TOSC-10
TOSC +10
ns
t
RLAZ
5
RD low to address float
-5
+5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com