Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT80C196 Datasheet(PDF) 34 Page - Aeroflex Circuit Technology

Part # UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Datasheet(HTML) 34 Page - Aeroflex Circuit Technology

Back Button UT80C196 Datasheet HTML 30Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 31Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 32Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 33Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 34Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 35Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 36Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 37Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 38Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
34
UT80C196KD
XTAL1
External Clock
Input
Figure 9. External Clock Connections
V
DD
0.0V
1.4V
1.4V
TEST POINTS
AC Testing inputs are driven at V
DD for a Logic “1” and 0.0V for a Logic “0”. Timing measure-
ments are made at 1.4V.
Figure 10. AC Testing Input, Output Waveforms
VLOAD
For timing purposes a port pin is no longer floating when it changes to a voltage outside the ref-
erence points shown and begins to float when it changes to a voltage inside the reference points
shown. IOL = 4mA, IOH = -4mA.
VOL + 0.5V
VOH - 0.5V
V
OL + 0.5V
VOH - 0.5V
TIMING REFERENCE
POINTS
Figure 11. Float Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com