Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT80C196 Datasheet(PDF) 19 Page - Aeroflex Circuit Technology

Part # UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Datasheet(HTML) 19 Page - Aeroflex Circuit Technology

Back Button UT80C196 Datasheet HTML 15Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 16Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 17Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 18Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 19Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 20Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 21Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 22Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 23Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
19
34
TDO
HSO.2
---
High Speed Output Module, output pin 2. The HSO.2 pin is a
dedicated output for the HSO module.
35
TDO
HSO.3
---
High Speed Output Module, output pin 3. The HSO.3 pin is a
dedicated output for the HSO module.
36
GND
VSS
---
Digital circuit ground (0V). There are 4 VSS pins, all of which
must be connected and one additional recommeded V
SS connec-
tion.
37
TI
EDACEN
Low
EDAC Enable. Asserting the EDACEN signal activates the
error detection and correction engine. This causes the
UT80C196KD to include ECB(5:0) as the EDAC check bit pins
in all external memory cycles.
38
TUQ
P2.7
---
Port 2 Pin 7. A quasi-bidirectional port pin that is read and writ-
ten at location 10h of HWindow 0.
TUQ
T2CAPTURE
High
Timer 2 Capture. A rising edge on this pin loads the value of
Timer 2 into the T2CAPTURE register, and generates a Timer 2
Capture interrupt (INT11, 2036h). Assert the T2CAPTURE sig-
nal for at least 2 state times to guarantee acknowledgment by the
interrupt controller. Using INT_Mask1.3 controls whether or not
a rising edge causes an interrupt.
39
TDO
P2.5
---
Port 2 Pin 5. An output only port pin that is written at location
10h of HWindow 0.
Setting IOC1.0 = 0 enables the P2.5 function of pin 39.
TDO
PWM0
---
Pulse Width Modulator (PWM) Output 0. The output signal
will be a waveform whose duty cycle is programmed by the
PWM0_CONTROL register, and the frequency is selected by
IOC2.2.
Setting IOC1.0 = 1 enables the PWM0 function of pin 39.
40
2
TUO
WR
Low
Write. The WR signal indicates that an external write is occur-
ring. Activation of this signal only occurs during external mem-
ory writes.
Setting CCR.2 = 1 enables the WR function of pin 40.
TUO
WRL
Low
Write Low. The WRL signal is activated when writing the low
byte of a 16-bit wide word, and is always asserted for 8-bit wide
memory writes.
Setting CCR.2 = 0 enables the WRL function of pin 40.
Table 10: 68-lead Flat Pack Pin Descriptions
QFP Pin#
I/O
Name
Active
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com