Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT80C196 Datasheet(PDF) 16 Page - Aeroflex Circuit Technology

Part # UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Datasheet(HTML) 16 Page - Aeroflex Circuit Technology

Back Button UT80C196 Datasheet HTML 12Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 13Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 14Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 15Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 16Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 17Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 18Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 19Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 20Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
16
19
TUQ
P1.0
---
Port 1 Pin 0. A quasi-bidirectional port pin that is read and writ-
ten at location 0Fh of HWindow 0.
20
TUQ
P1.1
---
Port 1 Pin 1. A quasi-bidirectional port pin that is read and writ-
ten at location 0Fh of HWindow 0.
21
TUQ
P1.2
---
Port 1 Pin 2. A quasi-bidirectional port pin that is read and writ-
ten at location 0Fh of HWindow 0.
22
TUQ
P1.3
---
Port 1 Pin 3. A quasi-bidirectional port pin that is read and writ-
ten at location 0Fh of HWindow 0.
Setting IOC3.2 = 0 enables the P1.3 function of pin 22.
TUO
PWM1
---
Pulse Width Modulator (PWM) Output 1. The output signal
will be a waveform whose duty cycle is programmed by the
PWM1_CONTROL register, and the frequency is selected by
IOC2.2.
Setting IOC3.2 = 1 enables the PWM1 function of pin 22.
23
TUQ
P1.4
---
Port 1 Pin 4. A quasi-bidirectional port pin that is read and writ-
ten at location 0Fh of HWindow 0.
Setting IOC3.3 = 0 enables the P1.4 function of pin 23.
TUO
PWM2
---
Pulse Width Modulator (PWM) Output 2. The output signal
will be a waveform whose duty cycle is programmed by the
PWM2_CONTROL register, and the frequency is selected by
IOC2.2.
Setting IOC3.3 = 1 enables the PWM2 function of pin 23.
24
TI
HSI.0
---
High Speed Input Module, input pin 0. Unless masked, a rising
edge on this input will generate the HSI.0 Pin interrupt (INT04,
2008h). Assert the HSI.0 pin for at least 2 state times to ensure
acknowledgment by the interrupt controller.
Setting IOC0.0 = 1 enables pin 24 as an HSI input, and allows
events on this pin to be loaded into the HSI FIFO.
TI
T2RST
High
Timer 2 Reset. A rising edge on the T2RST pin resets Timer 2.
To enable the T2RST function of pin 24, set IOC0.3 = 1 and
IOC0.5 = 1.
Table 10: 68-lead Flat Pack Pin Descriptions
QFP Pin#
I/O
Name
Active
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com