Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT80C196 Datasheet(PDF) 32 Page - Aeroflex Circuit Technology

Part # UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Datasheet(HTML) 32 Page - Aeroflex Circuit Technology

Back Button UT80C196 Datasheet HTML 28Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 29Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 30Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 31Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 32Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 33Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 34Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 35Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 36Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
32
Note:
1.Tested only at initial qualification, and after any design or process changes which may affect this characteristic.
7.0 HOLD/HLDA Timings
Note:
1.Tested only at initial qualification, and after any design or process changes which may affect this characteristic.
Table 11. DC Specifications in Hold
DESCRIPTION
MIN
MAX
CONDITIONS
Pullups on ADV, RD, WR, WRL, BHE, ALE
6.9K
36.7K
V
DD =5.5V, VIN = V SS
Pulldown on INST
3.7K
27.5K
VDD =5.5V, VIN = VDD
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
tHVCH
1
HOLD Setup
25
ns
tCLHAL
1
CLKOUT low to HLDA low
-15
15
ns
t
CLBRL
1
CLKOUT low to BREQ low
-15
15
ns
tHALAZ
1
HLDA low to address float
10
ns
tHALBZ
1
HLDA low to BHE, INST, RD, WR
driven weakly
15
ns
tCLHAH
1
CLKOUT low to HLDA high
-15
15
ns
t
CLBRH
1
CLKOUT low to BREQ high
-15
15
ns
tHAHAX
1
HLDA high to address no longer float
-15
ns
tHAHBV
1
HLDA high to BHE, INST, RD, WR valid
-10
ns
t
CLLH
1
CLKOUT low to ALE high
-5
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com