Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT80C196 Datasheet(PDF) 27 Page - Aeroflex Circuit Technology

Part # UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Datasheet(HTML) 27 Page - Aeroflex Circuit Technology

Back Button UT80C196 Datasheet HTML 23Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 24Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 25Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 26Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 27Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 28Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 29Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 30Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 31Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
27
Note:
* Post-radiation performance guaranteed at 25
°C per MIL-STD-883 Method 1019 at 1.0E5 rads(Si).
1. If max exceeded, additional wait state occurs.
2. If wait states are used, add 2 TOSC *N, where N = number of wait states.
3. Assuming back-to-back bus cycles.
4. 8-bit only
5. Tested only at initial qualification, and after any design or process changes which may affect this characteristic.
6. These specs are verified using functional vectors (strobed) only.
7. Low speed tests performed at 5MHz. 1MHz operation is guaranteed by design.
tLLWL
5
ALE falling edge to WR falling edge
TOSC - 10
TOSC +10
ns
tCLWL
CLKOUT low to WR falling edge
-5
+10
ns
tQVWH
2
Data stable to WR rising edge
T
OSC - 10
T
OSC +10
ns
tCHWH
5
CLKOUT high to WR rising edge
-10
+15
ns
tWLWH
2,5
WR low period
TOSC - 10
ns
t
WHQX
5
Data hold after WR rising edge
TOSC - 10
TOSC +10
ns
t
WHLH
3,5
WR rising edge to ALE rising edge
TOSC - 10
TOSC +10
ns
tWHBX
5
BHE, INST after WR rising edge
TOSC - 10
TOSC +10
ns
tWHAX
4,5
AD8-15 HOLD after WR rising
T
OSC - 25
ns
tRHBX
5
BHE, INST after RD rising edge
T
OSC - 10
T
OSC +10
ns
tRHAX
4,5
AD8-15 HOLD after RD rising
TOSC - 25
ns
tAVENV
5
Address valid to EDACEN valid
2TOSC -30
ns
t
LHENX
5
EDACEN hold after ALE high
0
ns
t
AVEV
2,5
Address valid to EDAC input valid
3TOSC -29
ns
tRXEX
5
EDAC hold after RD inactive
0
T
OSC -10
ns
tEVWH
2,5
EDAC output stable to WR rising
T
OSC -10
T
OSC +10
ns
tWHEX
5
EDAC output hold after WR rising
T
OSC -10
T
OSC +10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com