Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT80C196 Datasheet(PDF) 24 Page - Aeroflex Circuit Technology

Part # UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Datasheet(HTML) 24 Page - Aeroflex Circuit Technology

Back Button UT80C196 Datasheet HTML 20Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 21Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 22Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 23Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 24Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 25Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 26Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 27Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 28Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
24
3.0 DC ELECTRICAL CHARACTERISTICS
(VDD = 5.0V ±10% ) (TC = -55°C to +125°C for "C" screening and -40°C to +125°C for "W" screening)
SYMBOL
PARAMETER
CONDITION
MINIMUM
MAXIMUM
UNIT
VIL
Low-level Input Voltage
(except XTAL1, RESET)
0.8
V
VIH
High-level Input Voltage
(except XTAL1, RESET)
2.2
V
VIH1
High-level Input Voltage
(XTAL1)
.7VDD
V
VIL1
Low-level Input Voltage
(XTAL1)
.3VDD
V
VT+
Positive Going Threshold
RESET
.5VDD
.7VDD
V
V
T-
Negative Going Threshold
RESET
.2V
DD
.4V
DD
V
V
H
Typical Range of Hysteresis
6
RESET
.9
V
VOL
Low-level Output Voltage
(CMOS load)
IOL = 200µA
6
0.3
V
(TTL load)
IOL = 4.0mA
0.4
V
V
OH
High-level Output Voltage8
(CMOS load)
(Standard outputs) (TTL load)
I
OH = -200µA
6
IOH = -4.0mA
VDD-.3
3.8
V
V
IOHI
High-level Output Current
1
(Open drain outputs with pullups)
VOH = VDD - .3
6
V
OH = V DD - .9
-20
-60
µA
µA
IIL
Logical 0 Input Current2
(Test mode entry)
VIN = VIH
-550
-120
µA
ILI
I/O Leakage Current, standard
inputs/outputs in Z state
VIN = VSS or VDD
-5
+5
µA
ILI1
I/O Leakage Current, with pullups3 VIN = VSS
-800
-150
µA
ILI2
I/O Leakage Current, with
pulldowns4
VIN = VDD
200
1500
µA
CIO
Pin Capacitance6
@ 1MHZ, 25
°C
15
pF
ΑI
DD
Active Power Supply Current
Clk@20MHz, typical program
flow
110
mA
QIDD
Quiescent Power Supply Current
Unloaded -55
° tο +25°C
Outputs
+125°C
20
1000
µA
IDDPD
Power Supply Current in Power
Down
No Active I/O, Clk@20MHz
6
mA
IDDIDLE
Power Supply Current in Idle Mode No Active I/O, Clk@20MHZ
55
mA
IDDRESET
Power Supply Current in Reset
CLK @20 MHz, RESET < VIL
65
mA
IOS
Short Circuit output current (except
for pins listed in Note 5)6,7
VDD = 5.5V
-100
130
mA
IOS1
Short Circuit output current5,6,7
VDD = 5.5V
-200
250
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com