Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT80C196 Datasheet(PDF) 37 Page - Aeroflex Circuit Technology

Part # UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Datasheet(HTML) 37 Page - Aeroflex Circuit Technology

Back Button UT80C196 Datasheet HTML 33Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 34Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 35Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 36Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 37Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 38Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 39Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 40Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 41Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
37
of Timer3 can be found in locations 0Fh (high byte), and 0Eh
(low byte) of HWindow 1.
1.15 Input/Output Pullup/Pulldown Currents
Leakage currents may not meet the industry standard
80C196KD specs due to differently sized weak pullups/
pulldowns, during Quasi-Bidirectional and reset/powerdown
modes. Refer to specs for ILI1 and ILI2.
1.16 Power-down exit
Pin 37 will not be used to exit power-down mode. Since a digital
clock is supplied, no connection between this Vpp pin and the
power-down circuitry exists.
1.17 Test Mode Entry
Test mode entry will be via four pins: WR, RD, ALE andHLDA
instead of PWM0.
1.18 Power-on Reset
The UT80C196KD will not guarantee the 16-state "pulse
stretching" function of a Reset_n pulse applied at power-up. The
user must hold Reset_n low until the power and clocks stabilize
plus 16-state times, or provide a high to low transition after the
power and clocks have stabilized.
1.19 Pullup/Pulldown states
The INST pin will be driven to a weak low during Reset. The
ALE signal will be driven to a weak high during Bus Hold.
1.20 Modifying the INT_PEND registers
Two operand rd-modify-wr instructions should be used to
modify the INT_PEND registers. Three operand rd-modify-wr
instructions may lose an incoming interrupt.
1.21 Serial Port Synchronous Mode
The last clock rising edge to output float time (TXHQZ) is made
consistent with the output data hold (TXHQX) time of 2 TOSC
+/-50nsec. This is longer than the industry standard of 1 TOSC
max.
1.22 Industry Standard Register Indirect with Auto Incre-
ment
The industry standard 80C196KD increments the auto-incre-
mented register after determining the external address instead
of at the end of the instruction completion. The UT80C196KD
performs the auto-increment function at the end of the instruc-
tion processing. Please reference the example below that
shows the processing difference between the UT80C196KD
and the industry standard 80C196KD:
ST R0, [R0]+
assume R0 holds the value 1000h before the instruction is exe-
cuted.
1.23 AC Timing Differences
There are some AC timing differences between the
UT80C196KD and the industry standard 80C196KD. Most
changes resulted in loosened timing specifications. However,
the tRHDZ and tRXDX timing specifications were tightened by
5ns. If you have been designing to the industry standard
80C196KD timing specifications, it is important to recognize
these two shortened timing specifications.
NOTE: Please visit the UTMC website at www.utmc.com to
obtain the latest data sheet updates, application notes, software
examples, advisories and erratas for the UT80C196KD.
1.24 T2UP-DN Input Signal
Port 2.6 has an alternate function of T2UP-DN enabled by
IOC2.1. The industry standard device appears to allow writes
into Port 2.6 to directly affect the pin state when in the T2UP-
DN mode. (This would allow software control of the T2 direc-
tion, but requires ensuring a one (QBD pullup) is written to
Port 2.6 if the pin is driven externally). The UT80C196KD
device is designed to disable the Port 2.6 output when T2UP-
DN is enabled. This protects the P2.6/T2UP-DN pin from con-
tention with an externally driven signal, independent of the
value written into Port 2.
1.25 NEG 8000h Instruction Operation
The UT80CRH196KD and the industry standard 80C196KD
set the N-Flag differently when executing the NEG 8000h
instruction. NEG represents the MCS-96 opcode to negate a
defined operand (8000h). When the UT80CRH196KD exe-
cutes the NEG 8000h instruction, the result becomes 8000h
with both the N-Flag and the V-Flag set. The industry stan-
dard 80C196KD, however, executes the NEG 8000h instruc-
tion with a result of 8000h and only the V-Flag set.
PROCESSING FLOW FOR THE ST R0, [R0]+
INSTRUCTION
UT80C196KD
Industry Standard
80C196KD
Address = [R0]; 1000h
Address = [R0]; 1000h
R0 ---> Address
R0 = R0+1; 1001h
R0 = R0+1; 1001h
R0 ---> Address
* The contents in address
1000h are 1000h
* The contents in address
1000h are 1001h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com