Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201 Datasheet(PDF) 17 Page - Integrated Device Technology

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2201 Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button ZOPT2201 Datasheet HTML 13Page - Integrated Device Technology ZOPT2201 Datasheet HTML 14Page - Integrated Device Technology ZOPT2201 Datasheet HTML 15Page - Integrated Device Technology ZOPT2201 Datasheet HTML 16Page - Integrated Device Technology ZOPT2201 Datasheet HTML 17Page - Integrated Device Technology ZOPT2201 Datasheet HTML 18Page - Integrated Device Technology ZOPT2201 Datasheet HTML 19Page - Integrated Device Technology ZOPT2201 Datasheet HTML 20Page - Integrated Device Technology ZOPT2201 Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
17
September 2, 2016
Mode
Number
Mode Name
Description
4
ALS/UVBS_Raw
Active ADC Channels: ALS, UVB, UV_COMP, COMP
ALS/UVBS_Raw Mode allows optimum temperature and stray light compensation for ALS and UVBS
output data by external post-processing.
ALS/UVBS_Raw Mode uses a special operation mode of the ZOPT2201. It requires a specific
sequence to initialize after power up.
The following commands must be sent via I²C single byte access to activate the special operation
mode of ZOPT2201:
Write B5HEX to register 31HEX
Write DFHEX to register 30HEX
Write 04HEX to register 31HEX
ALS/UVBS_Raw operation is activated (after the sequence above has been sent) by setting the
LS_EN and RawMode_SEL bits to 1 and setting the LS_Mode bit to 0 in the MAIN_CTRL register
(see section 3.11.1)
Write 06HEX to register 00HEX
No internal temperature and stray light compensation is carried out. All channel data registers
(see Table 3.10) carry the uncompensated raw data as received from the ADCs.
Important: Proper temperature and stray light compensation must be done on the application level
applying following formulas:
ALS = ALS_raw – COMP
UVB = UVB_raw – UV_COMP
Important: The internal digital trimming factors are not applied to the output data in the
ALS/UVBS_Raw Mode. If this mode is used, contact IDT for the related application note
(see contact information on last page).
Table 3.4 Channel Activation vs. Operation Mode
Mode
Number
Mode Name
ALS
UVB
UV_COMP
COMP
Inactive
Active
Inactive
Active
Inactive
Active
Inactive
Active
1
Standby
2
ALS
3
UVBS
4
ALS/UVBS_Raw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com