Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201 Datasheet(PDF) 18 Page - Integrated Device Technology

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2201 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button ZOPT2201 Datasheet HTML 14Page - Integrated Device Technology ZOPT2201 Datasheet HTML 15Page - Integrated Device Technology ZOPT2201 Datasheet HTML 16Page - Integrated Device Technology ZOPT2201 Datasheet HTML 17Page - Integrated Device Technology ZOPT2201 Datasheet HTML 18Page - Integrated Device Technology ZOPT2201 Datasheet HTML 19Page - Integrated Device Technology ZOPT2201 Datasheet HTML 20Page - Integrated Device Technology ZOPT2201 Datasheet HTML 21Page - Integrated Device Technology ZOPT2201 Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
18
September 2, 2016
3.5
Conversion Control State Machine
3.5.1
Start Up after Power-On or Software Reset
The main state machine is set to “Start State” during a power-on or software reset. As soon as the reset is released, the internal oscillator is
started and the programmed I²C address and the trim values are read from the internal NVM trimming data block. The ZOPT2201 enters
Standby Mode as soon as the Idle State is reached (see Figure 3.3).
NOTE: If the I²C address has not yet been read, the device will respond with NACK to any I²C command and ignore any request to avoid
responding to an incorrect I²C address.
If any of the sensor operation modes becomes activated through an I²C command (i.e., the LS_EN bit is set to 1 and the sensor mode is
selected with the respective bits in the MAIN_CTRL register), the internal support blocks are immediately powered on. Once the voltages and
currents are settled (typical after 500µs), the state machine checks for trigger events from a measurement scheduler to start conversions
according to the selected measurement repeat rates (see section 3.11.2).
When the user resets the LS_EN bit to 0, a running conversion will be completed and the relevant ADCs and support blocks will move to
Standby Mode thereafter.
Figure 3.3 Main State Machine
Run
POR
Standby
LS
conversion
Wait for repeat
LS_MEAS_RATE
LS_EN
LS_EN
!LS_EN
LS inactive
Start oscillator
!LS_EN
Start oscillator
Stop oscillator
Run
Read out
NVM fuses
LS is either ALS or
UVBS depending
on the LS_Mode bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com