Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2201 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ZOPT2201 Datasheet HTML 12Page - Integrated Device Technology ZOPT2201 Datasheet HTML 13Page - Integrated Device Technology ZOPT2201 Datasheet HTML 14Page - Integrated Device Technology ZOPT2201 Datasheet HTML 15Page - Integrated Device Technology ZOPT2201 Datasheet HTML 16Page - Integrated Device Technology ZOPT2201 Datasheet HTML 17Page - Integrated Device Technology ZOPT2201 Datasheet HTML 18Page - Integrated Device Technology ZOPT2201 Datasheet HTML 19Page - Integrated Device Technology ZOPT2201 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
16
September 2, 2016
3.4
Device Operation Modes
Table 3.3 Operational Mode Descriptions
Mode
Number
Mode Name
Description
1
Standby
Default mode after power-up.
In this mode, the oscillator, all internal support blocks, and the ADCs are switched off but I²C
communication is fully supported.
2
ALS
Active ADC Channels: ALS, COMP
ALS Mode allows measurement of ambient light intensity. The sensor response is closely matched
to human eye response to guarantee high lux value accuracy. Temperature compensation for the
sensor elements is carried out internally via the COMP channel.
ALS Mode is activated by setting the LS_EN bit to 1, the LS_Mode bit to 0 and the
RawMode_SEL bit to 0 in the MAIN_CTRL register (see section 3.11.1).
Write 02HEX to register 00HEX
Internal temperature compensation runs following calculation before sensor data is stored in
output register:
ALS = ALS_raw – COMP
3
UVBS
Active ADC Channels: UVB, UV_COMP
UVBS Mode allows high precision measurements of UVB energy intensity. The sensor response is
chosen such that it can be used to calculate the UV index directly.
Temperature and stray light compensation for the sensor channel is performed internally via the
UV_COMP channel.
UVBS Mode is activated by setting the LS_EN bit and the LS_Mode bit to 1 in the MAIN_CTRL
register (see section 3.11.1)
Write 0AHEX to register 00HEX
Internal temperature compensation runs following calculation before sensor data is stored in the
output register:
UVB = UVB_raw – UV_COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com