Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2201 Datasheet(HTML) 1 Page - Integrated Device Technology

  ZOPT2201 Datasheet HTML 1Page - Integrated Device Technology ZOPT2201 Datasheet HTML 2Page - Integrated Device Technology ZOPT2201 Datasheet HTML 3Page - Integrated Device Technology ZOPT2201 Datasheet HTML 4Page - Integrated Device Technology ZOPT2201 Datasheet HTML 5Page - Integrated Device Technology ZOPT2201 Datasheet HTML 6Page - Integrated Device Technology ZOPT2201 Datasheet HTML 7Page - Integrated Device Technology ZOPT2201 Datasheet HTML 8Page - Integrated Device Technology ZOPT2201 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Digital Ambient Light and
UVB Energy Sensor
ZOPT2201
Datasheet
© 2016 Integrated Device Technology, Inc
1
September 2, 2016
Brief Description
The ZOPT2201 Sensor integrates an ambient light sensor (ALS)
and ultraviolet energy sensor (UVBS). The device can be
connected via an I²C interface to an external microcontroller.
Other I²C or SMBus devices can be connected to the same
interface. The device has a programmable interrupt with hys-
teresis to respond to events and reduce the microcontroller tasks.
A major application of the device is in smart phones or other
mobile devices to enable brightness control of display panels
(ALS) and diverse health care applications or contextual
awareness algorithms (UVBS).
Features
High ambient light and UVB energy sensitivity
Superior infrared energy suppression
Very stable spectral response over angle of light incidence
Wide dynamic range
Excellent temperature compensation
Lowest conversion repeat noise
I²C interface capable of standard mode (100kHz) or fast mode
(400kHz) communication; 1.8V logic compatible
Programmable interrupt function for ALS and UVBS with
upper and lower thresholds
ALS Features
Integrated ALS closely matches human eye response for high
lux accuracy over different light sources
Absolute sensitivity: 0.008 lux to 157000 lux
Configurable output resolution: 13 to 20 bits
Configurable analog gain: x1 to x18
Linear output code
50Hz/60Hz light flicker immunity
Fluorescent light flicker immunity
UVBS Features
Linear UV index measurement (1 to >11)
Tailored temperature compensation
Physical Characteristics
Wide operation temperature: - 40°C to +90°C
Wide supply voltage: 1.7V to 3.6V
Minimum active current at maximum duty cycle:
— ALS: 110µA typical
— UVBS: 100µA typical
Note: Average current is proportionally lower with lower
measurement rates.
Low standby current: 1µA typical
Packages:
— LGA6 (2.0
 2.2  0.7 mm)
— TSV (1.1
 1.2  0.26 mm)
ZOPT2201 Application Circuit
VDD
GND
INT
SDA
SCL
SDA
SCL
VDD1
VDD
GND
INT
ZOPT2201
µC
VDD2
VDD2
VDD1: 1.7 to 3.6 V
VDD2: 1.7 to 3.6 V


Similar Part No. - ZOPT2201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZOPT2201 RENESAS-ZOPT2201 Datasheet
1Mb / 45P
Digital Ambient Light and UVB Energy Sensor
September 2, 2016
ZOPT2201AC5R RENESAS-ZOPT2201AC5R Datasheet
1Mb / 45P
Digital Ambient Light and UVB Energy Sensor
September 2, 2016
ZOPT2201AC9R RENESAS-ZOPT2201AC9R Datasheet
1Mb / 45P
Digital Ambient Light and UVB Energy Sensor
September 2, 2016
ZOPT2201KITV1.0 RENESAS-ZOPT2201KITV1.0 Datasheet
1Mb / 45P
Digital Ambient Light and UVB Energy Sensor
September 2, 2016
More results

Similar Description - ZOPT2201

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL4531 TAOS-TSL4531 Datasheet
164Kb / 16P
DIGITAL AMBIENT LIGHT SENSOR
logo
Sanyo Semicon Device
LV0104CS SANYO-LV0104CS Datasheet
231Kb / 8P
Digital Ambient Light Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
Digital Proximity and Ambient Light Sensor
logo
Integrated Device Techn...
ZOPT2202 IDT-ZOPT2202 Datasheet
1Mb / 41P
Digital UVA / UVB Energy Sensor
logo
Broadcom Corporation.
APDS-9009 BOARDCOM-APDS-9009 Datasheet
1Mb / 22P
Digital UV and Ambient Light Sensor
APDS-9200 BOARDCOM-APDS-9200 Datasheet
1Mb / 22P
Digital UV and Ambient Light Sensor
logo
Renesas Technology Corp
ZOPT2201 RENESAS-ZOPT2201 Datasheet
1Mb / 45P
Digital Ambient Light and UVB Energy Sensor
September 2, 2016
ZOPT2202 RENESAS-ZOPT2202 Datasheet
1Mb / 42P
Digital UVA / UVB Energy Sensor
September 21, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com