Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2201 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ZOPT2201 Datasheet HTML 3Page - Integrated Device Technology ZOPT2201 Datasheet HTML 4Page - Integrated Device Technology ZOPT2201 Datasheet HTML 5Page - Integrated Device Technology ZOPT2201 Datasheet HTML 6Page - Integrated Device Technology ZOPT2201 Datasheet HTML 7Page - Integrated Device Technology ZOPT2201 Datasheet HTML 8Page - Integrated Device Technology ZOPT2201 Datasheet HTML 9Page - Integrated Device Technology ZOPT2201 Datasheet HTML 10Page - Integrated Device Technology ZOPT2201 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
7
September 2, 2016
1.3
Electrical and Optical Parameters
VDD = 2.8V, TAMB= -40°C to +90°C, unless otherwise noted.
Note: See important table notes at the end of the table.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power On Reset
DC power-on reset level
PORLH
Slow variation of VDD
1.00
1.34
1.60
V
PORHL
Current Consumption
ALS Mode [a]
IALS
Maximum duty cycle,
VDD = 2.8V,
Gain Mode 3
110
µA
UVBS Mode [b]
IUVBS
Maximum duty cycle,
VDD = 2.8V
100
µA
ALS/UVBS_Raw Mode [a]
IALS+UVBS
Maximum duty cycle,
VDD = 2.8V
130
µA
Standby Mode
ISBY
ZOPT2201 in Standby Mode,
no active I²C communication
1
2
µA
I2C Interface
I²C signal input high
VI2Chigh
1.5
VDD
V
I²C signal input low
VI2Clow
0
0.4
V
ALS Characteristics
Spectral response
See Figure 2.1.
Detection range at gain 1
G1
Minimum specification applies
to default setting of 18-bit
resolution.
Specification changes with
the resolution setting as
shown in Table 3.5.
0.6
157286
lux
Detection range at gain 3
G3
0.2
52429
lux
Detection range at gain 6 [c]
G6
0.1
26214
lux
Detection range at gain 9 [c]
G9
0.0667
17476
lux
Detection range at gain 18 [c]
G18
0.0333
8738
lux
Calibrated lux error at gain 3
White LED, 5000K,
TAMB = +25°C
10
%
Light source matching
Fluorescent versus
incandescent light
10
%
ALS output resolution
ALSRES
Programmable to 13, 16, 17,
18, 19, or 20 bit
13
18
20
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com