Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2201 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZOPT2201 Datasheet HTML 6Page - Integrated Device Technology ZOPT2201 Datasheet HTML 7Page - Integrated Device Technology ZOPT2201 Datasheet HTML 8Page - Integrated Device Technology ZOPT2201 Datasheet HTML 9Page - Integrated Device Technology ZOPT2201 Datasheet HTML 10Page - Integrated Device Technology ZOPT2201 Datasheet HTML 11Page - Integrated Device Technology ZOPT2201 Datasheet HTML 12Page - Integrated Device Technology ZOPT2201 Datasheet HTML 13Page - Integrated Device Technology ZOPT2201 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
10
September 2, 2016
Figure 2.5 ALS vs. Voltage at 1000 lux
Figure 2.6 ALS Typical Dark Count vs. Temperature
Figure 2.7 Spectral Response UVBS, Linear
Figure 2.8 Spectral Response UVBS, Logarithmic
Figure 2.9 UVBS Sensitivity vs. Angle of Incidence
310nm LED
Figure 2.10 UVBS Sensitivity vs. Angle of Incidence
(Polar)
0%
20%
40%
60%
80%
100%
120%
250
350
450
550
650
750
850
950
1050
wavelength (nm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com